Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPR1L Datasheet(PDF) 2 Page - TUK Ltd

Part # KPR1L
Description  Euro Style Faceplates and Outlets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

KPR1L Datasheet(HTML) 2 Page - TUK Ltd

  KPR1L Datasheet HTML 1Page - TUK Ltd KPR1L Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Faceplate for four snap-in 'Euro' type modules (KPL4L)
Weight: 34g
Dimensions: 146 x 86 x 9.5 mm
Inner dimension: 100 x 50 mm
Half 'Euro' type blank (KPR0.5L)
Weight: 2g
Dimensions: 12.5 x 50 x 13 mm
Single 'Euro' type blank (KPR1L)
Weight: 2g
Dimensions: 25 x 50 x 13 mm
Dimensions are accurate to +/- 0.5%
26-01-2016



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com