Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37872 Datasheet(PDF) 4 Page - EPCOS

Part # B37872
Description  Multilayer ceramic capacitor HighCV, X7R, 16 V and 25 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872 Datasheet(HTML) 4 Page - EPCOS

  B37872 Datasheet HTML 1Page - EPCOS B37872 Datasheet HTML 2Page - EPCOS B37872 Datasheet HTML 3Page - EPCOS B37872 Datasheet HTML 4Page - EPCOS B37872 Datasheet HTML 5Page - EPCOS B37872 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Multilayer ceramic capacitor
B37***K
HighCV, X7R, 16 V and 25 V
Chip
Ordering codes and chip thickness
Packing quantity
Case size
[inch]
CR
[µF]
Ordering code
Thickness
[mm]
∅ 180-mm
reel
[pcs]
∅ 330-mm
reel
[pcs]
16 V types
0603
0.220
B37931K9224K060*
0.8 ±0.1
4000
16000
0805
0.220
0.330
0.470
1.0
B37941K9224K060*
B37941K9334K060*
B37941K9474K060*
B37941K9105K062**
0.8 ±0.1
0.8 ±0.1
0.8 ±0.1
1.25 ±0.1
4000
4000
4000
3000
16000
16000
16000
12000
1206
1.0
2.2
B37872K9105K062**
B37872K9225K062**
1.2 ±0.1
1.2 ±0.1
3000
3000
12000
12000
Packing quantity
Size
[inch]
CR
[µF]
Ordering code
Thickness
[mm]
∅ 180-mm
reel
[pcs]
∅ 330-mm
reel
[pcs]
25 V types
0603
0.220
B37931K0224K060*
0.8 ±0.1
4000
16000
0805
0.220
0.330
0.470
1.0
B37941K0224K060*
B37941K0334K060*
B37941K0474K060*
B37941K0105K062**
0.8 ±0.1
0.8 ±0.1
0.8 ±0.1
1.25 ±0.1
4000
4000
4000
3000
16000
16000
16000
12000
1206
1.0
2.2
B37872K0105K062**
B37872K0225K062**
1.2 ±0.1
1.2 ±0.1
3000
3000
12000
12000
* Ordering Code Example
Standard tolerance:
± 10%
Standard packaging:
Cardboard tape, 180-mm reel
** Ordering Code Example
Standard tolerance:
± 10%
Standard packaging:
Blister tape, 180-mm reel
KB VS PE
15.07.2005
Please read the important notes on page 6
Page 4 of 6
and the cautions and warnings.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com