Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1306 Datasheet(PDF) 4 Page - EPCOS

Part # A1306
Description  AC Film Capacitors Lighting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

A1306 Datasheet(HTML) 4 Page - EPCOS

  A1306 Datasheet HTML 1Page - EPCOS A1306 Datasheet HTML 2Page - EPCOS A1306 Datasheet HTML 3Page - EPCOS A1306 Datasheet HTML 4Page - EPCOS A1306 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC Film Capacitors
B 32436
Lighting
Issue No. 2
07/01
Page 4 of 5
Ordering codes and packing units
UN
Vac
CN
µF
Max. dimensions
d x l (mm)
Ordering code
B32436-
Packing unit (pcs.)
250
2
30 x 68
A1205-+0*0
112
3
30 x 68
A1305-+0*0
112
4
30 x 68
A1405-+0*0
112
5
30 x 68
A1505-+0*0
112
7
30 x 68
A1705-+0*0
112
8
30 x 68
A1805-+0*0
112
10
35 x 68
A1106-+0*0
84
12
35 x 68
A1126-+0*0
84
15
35 x 78
A1156-+0*0
84
16
35 x 78
A1166-+0*0
84
20
35 x 78
A1206-+0*0
84
25
40 x 78
A1256-+0*0
45
30
40 x 78
A1306-+0*0
45
35
40 x 103
A1356-+0*0
45
40
40 x 103
A1406-+0*0
45
45
40 x 103
A1456-+0*0
45
50
45 x 103
A1506-+0*0
45
60
45 x 103
A1606-+0*0
45
450
2
30 X 68
A6205-+0*0
112
3
30 x 68
A6305-+0*0
112
4
30 X 68
A6405-+0*0
112
5
30 x 78
A6505-+0*0
112
6
30 x 78
A6605-+0*0
112
8
35 x 78
A6805-+0*0
84
10
35 x 78
A6106-+0*0
84
Notes for ordering code:
1)
Replace * for terminals
3- Aluminum can with push-in
4- Aluminum can with push-in terminals and bolt
5- Aluminum can with solder tag
6- Aluminum can solder tag without resistor
7- Aluminum can solder tag with bolt
8- Aluminium can solder tag, bolt, and without resistor
M 8 fixing threaded bolt for
≤ φ 53mm.
Note- Push-in terminal available only upto 30
µf in 250 V.
2)
Replace + for capacitance tolerance: - J- ± 5%, K- ± 10%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com