Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41825 Datasheet(PDF) 4 Page - EPCOS

Part # B41825
Description  Single-Ended Capacitors Low Leakage Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41825 Datasheet(HTML) 4 Page - EPCOS

  B41825 Datasheet HTML 1Page - EPCOS B41825 Datasheet HTML 2Page - EPCOS B41825 Datasheet HTML 3Page - EPCOS B41825 Datasheet HTML 4Page - EPCOS B41825 Datasheet HTML 5Page - EPCOS B41825 Datasheet HTML 6Page - EPCOS B41825 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
399 10/02
B41825
Low Leakage Current – 85 °C
Technical data and ordering codes
UR
VDC
CR
120 Hz
20 °C
µF
Case
dimensions
d
× l
mm
IL, max
2 min
20 °C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
Ω
I~R
120 Hz
85
°C
mA
Ordering code1)
10
47
6,3
× 11
0,94
0,20
7,0
66
B41825A3476M00*
100
8
× 11
2,0
0,20
4,0
110
B41825A3107M00*
16
6,8
5
× 11
0,40
0,17
42
23
B41825A4685M00*
10
5
× 11
0,40
0,17
28
28
B41825A4106M00*
15
5
× 11
0,48
0,17
19
34
B41825A4156M00*
22
6,3
× 11
0,70
0,17
13
49
B41825A4226M00*
33
6,3
× 11
1,1
0,17
9,0
60
B41825A4336M00*
47
8
× 11
1,5
0,17
6,0
83
B41825A4476M00*
25
3,3
5
× 11
0,40
0,15
76
17
B41825A5335M00*
4,7
5
× 11
0,40
0,15
53
20
B41825A5475M00*
6,8
6,3
× 11
0,40
0,15
37
29
B41825A5685M00*
10
6,3
× 11
0,50
0,15
25
35
B41825A5106M00*
22
8
× 11
1,1
0,15
11
60
B41825A5226M00*
33
8
× 11
1,7
0,15
8,0
74
B41825A5336M00*
63
0,10
5
× 11
0,40
0,08
1 326
1,0
B41825A8104M00*
0,22
5
× 11
0,40
0,08
603
2,2
B41825A8224M00*
0,33
5
× 11
0,40
0,08
402
3,4
B41825A8334M00*
0,47
5
× 11
0,40
0,08
282
4,8
B41825A8474M00*
0,68
5
× 11
0,40
0,08
195
7,0
B41825A8684M00*
1,0
5
× 11
0,40
0,08
133
8,0
B41825A8105M00*
2,2
5
× 11
0,40
0,08
60
16
B41825A8225M00*
3,3
6,3
× 11
0,42
0,08
40
22
B41825A8335M00*
4,7
6,3
× 11
0,60
0,08
28
30
B41825A8475M00*
10
8
× 11
1,3
0,08
13
50
B41825A8106M00*
Preferred types
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com