Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7216HS/C1 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SAA7216HS/C1
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7216HS/C1 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SAA7216HS/C1 Datasheet HTML 16Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 17Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 18Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 19Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 20Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 21Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 22Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 23Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
2000 Jan 31
20
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
149
IRQ(1)
O/Z
3 mA
5.0 V tolerant
program level
150
IRQ(0)
O/Z
3 mA
5.0 V tolerant
program level
104
TDI
I
−
5.0 V tolerant
direct level
105
TDO
O/Z
3 mA
5.0 V tolerant
direct level
106
TMS
I
−
5.0 V tolerant
direct level
108
TCK
I
−
5.0 V tolerant
edge
107
TRST
I
−
5.0 V tolerant
low level
121
AVDD1
S
−−
−
115
AVDD2
S
−−
−
113
AVDD3
S
−−
−
118
IDUMP1
−−
−
−
110
IDUMP2
−−
−
−
120
RSET
−−
−
−
119
AVSS
S
−−
−
27
VDD(CO)
S
−
3.3 V
−
79
VDD(CO)S
−
3.3 V
−
130
VDD(CO)S
−
3.3 V
−
183
VDD(CO)
S
−
3.3 V
−
8VDD
S
−
3.3 V
−
22
VDD
S
−
3.3 V
−
36
VDD
S
−
3.3 V
−
50
VDD
S
−
3.3 V
−
60
VDD
S
−
3.3 V
−
74
VDD
S
−
3.3 V
−
89
VDD
S
−
3.3 V
−
103
VDD
S
−
3.3 V
−
127
VDD
S
−
3.3 V
−
148
VDD
S
−
3.3 V
−
184
VDD
S
−
3.3 V
−
109
VDD(AN)
S
−
3.3 V
−
26
VSS(CO)
S
−
0V
−
78
VSS(CO)
S
−
0V
−
129
VSS(CO)S
−
0V
−
182
VSS(CO)
S
−
0V
−
1VSS
S
−
0V
−
15
VSS
S
−
0V
−
31
VSS
S
−
0V
−
43
VSS
S
−
0V
−
57
VSS
S
−
0V
−
67
VSS
S
−
0V
−
83
VSS
S
−
0V
−
PIN
SYMBOL
TYPE(1)
DRIVE
VOLTAGE
ACTIVITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com