Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43540 Datasheet(PDF) 4 Page - EPCOS

Part # B43540
Description  Aluminum electrolytic capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43540 Datasheet(HTML) 4 Page - EPCOS

  B43540 Datasheet HTML 1Page - EPCOS B43540 Datasheet HTML 2Page - EPCOS B43540 Datasheet HTML 3Page - EPCOS B43540 Datasheet HTML 4Page - EPCOS B43540 Datasheet HTML 5Page - EPCOS B43540 Datasheet HTML 6Page - EPCOS B43540 Datasheet HTML 7Page - EPCOS B43540 Datasheet HTML 8Page - EPCOS B43540 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Dimensional drawings
Snap-in terminals, length 6.3
±1 mm.
Also available in a shorter version with a
length of 4.5
1 mm. For packing mode
and ordering example see next page.
Snap-in capacitors are also available with
3 terminals (length 4.5
1 mm).
For packing mode and ordering example see
next page.
Dimensions (mm)
Approx
weight(g)
Packing
units (pcs.)
d +1
l
±2
25
25
13
130
25
30
17
130
25
35
19
130
25
40
22
130
25
45
25
130
25
50
29
130
25
55
32
130
Dimensions (mm)
Approx
weight(g)
Packing
units (pcs.)
d +1
l
±2
30
25
17
80
30
30
23
80
30
35
29
80
30
40
36
80
30
45
41
80
30
50
46
80
30
55
53
80
35
25
22
60
35
30
29
60
35
35
36
60
35
40
41
60
35
45
56
60
35
50
70
60
35
55
81
60
B43540
Outstanding ripple current
85
°C
Page 4 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com