Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ033EZ01ZP Datasheet(PDF) 10 Page - Sharp Corporation

Part # PQ033EZ01ZP
Description  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033EZ01ZP Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PQ033EZ01ZP Datasheet HTML 3Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 4Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 5Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 6Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 7Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 8Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 9Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 10Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 11Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
Fig.41 Ripple Rejection vs. Input Ripple
Frequency
Fig.42 Ripple Rejection vs. Output Current
Fig.43 Typical Application
Fig.44 Power Dissipation vs. Ambient
Temperature (Typical Value)
0.1
1
10
100
Input ripple frequency f (kHz)
35
40
45
50
55
60
65
70
75
ei(rms)
=0.5V
VC=2.7V
IO=0.3A
CO=47µF
Ta
=Room temp.
015(VIN=3.5V)
018(VIN=3.8V)
033(VIN=5.3V)
030(VIN=5V)
025(VIN=4.5V)
PQxxxEZ01Z
PQxxxEZ5MZ
40
45
50
55
60
65
70
75
80
0
0.25
0.5
0.75
1
Output current IO (A)
ei(rms)
=0.5V
f
=120Hz
VC=2.7V
CO=47µF
Ta
=Room temp.
015(VIN=3.5V)
030(VIN=5V)
025(VIN=4.5V)
PQxxxEZ01Z
PQxxxEZ5MZ
033(VIN=5.3V)
018(VIN=3.8V)
1
3
5
2
VO
VIN
CIN
CO
+
Load
ON/OFF signal
High:Output ON
Low or open:Output OFF
0
2
1
3
−20
0
20
406080
Ambient temperature Ta (°C)
Cu area 740mm
2
Cu area 180mm
2
Cu area 100mm
2
Cu area 70mm
2
Cu area 36mm
2
Material
: Glass-cloth epoxy resin
Size
: 50
×50×1.6mm
Cu thickness : 35
µm
PWB
PWB
Cu



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com