Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS5105-X Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS5105-X
Description  500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS5105-X Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS5105-X Datasheet HTML 1Page - Advanced Monolithic Systems AMS5105-X Datasheet HTML 2Page - Advanced Monolithic Systems AMS5105-X Datasheet HTML 3Page - Advanced Monolithic Systems AMS5105-X Datasheet HTML 4Page - Advanced Monolithic Systems AMS5105-X Datasheet HTML 5Page - Advanced Monolithic Systems AMS5105-X Datasheet HTML 6Page - Advanced Monolithic Systems AMS5105-X Datasheet HTML 7Page - Advanced Monolithic Systems AMS5105-X Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS5105
AMS5105/-X Pin Description 5-Lead SOT-23
PIN
NAME
DESCRIPTION
1
VIN
Unregulated input voltage
Connect CIN from VIN to GND
2
GND
Ground connection for VIN
and VOUT
3
ENABLE
Logical high enables regulator
Logical low disables regulator
4
FB
Feedback from resistor divider
Used to set output voltage
Adjustable versions only
(See Figures 3 and 4)
5
VOUT
Regulated output voltage
Connect COUT from VOUT to
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com