Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB3301 Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB3301
Description  Step-up DC/DC converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3301 Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB3301 Datasheet HTML 1Page - Kingbor Technology Co KB3301 Datasheet HTML 2Page - Kingbor Technology Co KB3301 Datasheet HTML 3Page - Kingbor Technology Co KB3301 Datasheet HTML 4Page - Kingbor Technology Co KB3301 Datasheet HTML 5Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
High Current Application
Output Voltage Setting
switching regulator (VOUT) can be set
R1
R2
Feedback Loop Design
Follow Equation A
recommended.
High Voltage Application
leakage, and improper probing to FB pins.
to hundreds K
Ω.
Multi-Output Applications
Referring to application circuits, The selection of R1and
VOUT1 = (1 +
) × 1.25V
R2 based on the trade-off between quiescent current
consumption and interference immunity is stated below:
Higher R reduces the quiescent current (Path current
Referring to application circuits, the output voltage of the
=1.25V/R2), however resistors beyond 5M
Ω are not
Lower R gives better noise immunity, and is less
sensitive to interference, layout parasitics, FB node
A proper value of feed forward capacitor parallel with
suspend modes, the higher values of R1and R2 are
R1 can improve the noise immunity of the feedback
loops, especially in an improper layout. An empirical
suggestion is around 0~33pF for feedback resistors
of M
Ω, and 10nF~0.1µF for feedback resistors of tens
For applications without standby or suspend modes,
lower values of R1 and R2 are preferred. For applications
concerning the current consumption in standby or
feedback needed. Such "high impedance loops" are
sensitive to any interference, which require careful
layout and avoid any interference, e.g. probing to FB pin.
CE
EXT
VDD
GND
FB
LX
L1
3.3--10uH
C2
1uF
C5
100uF
D1
C1
100uF
1N5819
Vin
Q1
NMOS
Vout
3.3V/5V
R1
1.6M/100K
R2
980k/33K
+
+
CE
EXT
VDD
GND
FB
LX
L1
4.7uH 2.5A
R1
R2
C2
C1
C3
CVDD
C4
47uF
D1
RVDD
47
12V / 9V / 8V
1000mA
Vin=3.1V 6.5V Vout=12V
+
1N5819
Vin=2.8V~ 6.5V Vout=9V
+
Q1
NMOS
CVDD=1uF
RM=0.2
C3=NC
R1=860K/620K/210K
R2=100K/100K/39K
C1=47uF
C2=10uF
R2=100
R1=620K
C6=0.1uF
CE
EXT
VDD
GND
FB
LX
L1
3.3--10uH
C3
10uF
C1
1uF
D1
C4
10uF
1N5819
Vin
3.3V/5V
Vout2
+18V 10mA
R1
R3
100
C2
10uF
Q1
NMOS
C5
10uF
R2
C6
C7
1uF
C8
1uF
Vout1
+9V 100mA
Vout3
-9V 10mA
P4 / 5
KB3301
KB3301
KB3301
KB3301
Applications
Application Note
Vin=4.0V 6.5V Vout=8V
XP161A1355PR FDN337N
NMOS=



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com