Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66219 Datasheet(PDF) 2 Page - EPCOS

Part # B66219
Description  E/ELP Cores
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66219 Datasheet(HTML) 2 Page - EPCOS

  B66219 Datasheet HTML 1Page - EPCOS B66219 Datasheet HTML 2Page - EPCOS B66219 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
396 08/01
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 2,19 mm–1
le
= 33,9 mm
Ae
= 15,5 mm2
Amin = 13,1 mm2
Ve
= 525 mm3
Approx. weight 2,8 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,03 mm < s < 1,00 mm
K3, K4: 30 nH < AL < 260 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N30
1250 + 30/– 20 % 2170
B66219-G-X130
N27
860 + 30/– 20 % 1490 570
< 0,11
(200 mT, 25 kHz, 100 °C)
B66219-G-X127
N41
1050 + 30/– 20 % 1820 630
< 0,11
(200 mT, 25 kHz, 100 °C)
B66219-G-X141
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
36,8
– 0,712
44,6
– 0,847
40,8
– 0,865
B66219
Core
E 14/8/4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com