Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66300 Datasheet(PDF) 1 Page - EPCOS

Part # B66300
Description  E 6,3 Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66300 Datasheet(HTML) 1 Page - EPCOS

  B66300 Datasheet HTML 1Page - EPCOS B66300 Datasheet HTML 2Page - EPCOS B66300 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
385 08/01
I For miniature transformers, e.g. DC/DC
converters for surface mounting
I Available with SMD coil former
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 3,7 mm–1
le
= 12,2 mm
Ae
= 3,3 mm2
Amin = 2,6 mm2
Ve
= 40,3 mm3
Approx. weight 0,12 g/set
The AL value in the table applies to a core set comprising two ungapped cores.
Material
AL value
nH
µe
AL1min
mH
Ordering code
N30
700 + 40/– 30 % 2059
—
B66300-G-X130
T38
1700 + 40/– 30 % 4990
—
B66300-G-X138
N87
380 + 30/– 20 % 1120
300
B66300-G-X187
FEK0361-H
6,3
2
1,4
3,6+0,2
0,1
_
0,1
_
0,25
_
B66300
Core
E6,3


Similar Part No. - B66300

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66300 EPCOS-B66300 Datasheet
130Kb / 5P
Ferrites and accessories
B66300 EPCOS-B66300 Datasheet
187Kb / 8P
Ferrites and accessories
logo
TDK Electronics
B66300 TDK-B66300 Datasheet
206Kb / 8P
Ferrites and accessories
logo
EPCOS
B66300G0000X130 EPCOS-B66300G0000X130 Datasheet
130Kb / 5P
Ferrites and accessories
B66300G0000X130 EPCOS-B66300G0000X130 Datasheet
187Kb / 8P
Ferrites and accessories
More results

Similar Description - B66300

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66233 EPCOS-B66233 Datasheet
77Kb / 2P
E 32/16/11 Core
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66314 EPCOS-B66314 Datasheet
73Kb / 2P
E 21/9/5 Core
B66315 EPCOS-B66315 Datasheet
74Kb / 2P
E 25,4/10/7 Core
B66322 EPCOS-B66322 Datasheet
69Kb / 2P
E 10/5,5/5 Core
B66370 EPCOS-B66370 Datasheet
78Kb / 2P
E 34/14/9 Core
B66381 EPCOS-B66381 Datasheet
74Kb / 2P
E 40/16/12 Core
B66385 EPCOS-B66385 Datasheet
74Kb / 2P
E 56/24/19 Core
B66387 EPCOS-B66387 Datasheet
79Kb / 2P
E 65/32/27 Core
B66393 EPCOS-B66393 Datasheet
73Kb / 2P
E 16/6/5 Core
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com