Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66305 Datasheet(PDF) 2 Page - EPCOS

Part # B66305
Description  E/ELP Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66305 Datasheet(HTML) 2 Page - EPCOS

  B66305 Datasheet HTML 1Page - EPCOS B66305 Datasheet HTML 2Page - EPCOS B66305 Datasheet HTML 3Page - EPCOS B66305 Datasheet HTML 4Page - EPCOS B66305 Datasheet HTML 5Page - EPCOS B66305 Datasheet HTML 6Page - EPCOS B66305 Datasheet HTML 7Page - EPCOS B66305 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
390 08/01
I In accordance with IEC 61246
I For miniature transformers
I Available with SMD coil former
I E cores with high permeability for common-mode
chokes and broadband applications
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 2,39 mm–1
le
= 29,6 mm
Ae
= 12,4 mm2
Amin = 12,2 mm2
Ve
= 367 mm3
Approx. weight 2 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N30
1000 + 30/– 20 % 1900
B66305-G-X130
N27
800 + 30/– 20 % 1510 530
< 0,40
(200 mT, 100 kHz, 100 °C)
B66305-G-X127
N87
850 + 30/– 20 % 1620 530
< 0,20
(200 mT, 100 kHz, 100 °C)
B66305-G-X187
T42
3600
± 30 %
6830
B66305-F-X142
Material
g
mm
AL value approx.
nH
µe
Ordering code
N27
0,04
± 0,01
250
454
B66305-G40-X127
B66305
Core
E 13/7/4 (EF 12,6)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com