Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66319 Datasheet(PDF) 1 Page - EPCOS

Part # B66319
Description  E 30/15/7 Core
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66319 Datasheet(HTML) 1 Page - EPCOS

  B66319 Datasheet HTML 1Page - EPCOS B66319 Datasheet HTML 2Page - EPCOS B66319 Datasheet HTML 3Page - EPCOS B66319 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
416 08/01
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 1,12 mm–1
le
= 67 mm
Ae
= 60 mm2
Amin = 49 mm2
Ve
= 4 000 mm3
Approx. weight 22 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,00 mm
K3, K4: 560 nH < AL < 60 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N30
3100 + 30/– 20 % 2760
B66319-G-X130
N27
1700 + 30/– 20 % 1510 1410
< 0,81
(200 mT, 25 kHz, 100°C)
B66319-G-X127
N87
1900 + 30/– 20 % 1690 1410
< 2,20
(200 mT, 100 kHz, 100°C)
B66319-G-X187
Material
g
mm
AL value
approx.
nH
µe
Ordering code
** = 27 (N27)
= 87 (N87)
N27,
0,10
± 0,02
460
410
B66319-G100-X1**
N87
0,18
± 0,02
300
265
B66319-G180-X1**
0,34
± 0,02
195
175
B66319-G340-X1**
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
90
– 0,708
156
– 0,847
144
– 0,865
N87
90
– 0,708
154
– 0,796
140
– 0,873
B66319
Core
E 30/15/7


Similar Part No. - B66319

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66319 EPCOS-B66319 Datasheet
180Kb / 6P
Ferrites and accessories
B66319 EPCOS-B66319 Datasheet
371Kb / 9P
Ferrites and accessories
B66319G0000X127 EPCOS-B66319G0000X127 Datasheet
180Kb / 6P
Ferrites and accessories
B66319G0000X127 EPCOS-B66319G0000X127 Datasheet
444Kb / 6P
EF coil formers
B66319G0000X127 EPCOS-B66319G0000X127 Datasheet
371Kb / 9P
Ferrites and accessories
More results

Similar Description - B66319

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66315 EPCOS-B66315 Datasheet
74Kb / 2P
E 25,4/10/7 Core
B66317 EPCOS-B66317 Datasheet
113Kb / 6P
E 25/13/7 (EF 25) Core
B66325 EPCOS-B66325 Datasheet
78Kb / 2P
E 42/21/15 Core
B66423 EPCOS-B66423 Datasheet
87Kb / 3P
EFD 30/15/9 Core
B66434 EPCOS-B66434 Datasheet
70Kb / 2P
EV 15/9/7 Core
logo
HARTING Technology Grou...
09-15-007-3121 HARTING-09-15-007-3121 Datasheet
462Kb / 2P
R 15-7E-ISK-BU Inserts
09-15-007-3101 HARTING-09-15-007-3101 Datasheet
462Kb / 2P
R 15-7E-ISK-BU Inserts
09-15-007-3021 HARTING-09-15-007-3021 Datasheet
458Kb / 2P
R 15-7E-ISK-STI Inserts
09-15-007-3001 HARTING-09-15-007-3001 Datasheet
458Kb / 2P
R 15-7E-ISK-STI Inserts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com