Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66370 Datasheet(PDF) 1 Page - EPCOS

Part # B66370
Description  E 34/14/9 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66370 Datasheet(HTML) 1 Page - EPCOS

  B66370 Datasheet HTML 1Page - EPCOS B66370 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
422 08/01
I Size based on US lam. size E cores
US designation E375
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,82 mm–1
le
= 69,6 mm
Ae
= 84,8 mm2
Amin = 83,2 mm2
Ve
= 5 900 mm3
Approx. weight 30 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,50 mm
K3, K4: 80 nH < AL < 770 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
2300 + 30/– 20 % 1498 1929
< 1,10
(200 mT, 25 kHz, 100 °C)
B66370-G-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
146
– 0,719
219
– 0,847
202
– 0,865
B66370
Core
E 34/14/9


Similar Part No. - B66370

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66370 EPCOS-B66370 Datasheet
110Kb / 4P
Ferrites and accessories
B66370 EPCOS-B66370 Datasheet
216Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B66370 TDK-B66370 Datasheet
354Kb / 7P
Ferrites and accessories
logo
EPCOS
B66370G0000X127 EPCOS-B66370G0000X127 Datasheet
110Kb / 4P
Ferrites and accessories
B66370G0000X127 EPCOS-B66370G0000X127 Datasheet
216Kb / 7P
Ferrites and accessories
More results

Similar Description - B66370

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66229 EPCOS-B66229 Datasheet
105Kb / 3P
E 32/16/9 (EF 32) Core
B66300 EPCOS-B66300 Datasheet
90Kb / 3P
E 6,3 Core
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
E 5 Core
B66314 EPCOS-B66314 Datasheet
73Kb / 2P
E 21/9/5 Core
B66322 EPCOS-B66322 Datasheet
69Kb / 2P
E 10/5,5/5 Core
B66361 EPCOS-B66361 Datasheet
150Kb / 6P
ETD 34/17/11 Core
B66381 EPCOS-B66381 Datasheet
74Kb / 2P
E 40/16/12 Core
B66385 EPCOS-B66385 Datasheet
74Kb / 2P
E 56/24/19 Core
B66387 EPCOS-B66387 Datasheet
79Kb / 2P
E 65/32/27 Core
logo
General Cable Technolog...
C7108A GENERAL-C7108A Datasheet
72Kb / 1P
1C 14 AWG 105/34 TC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com