Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66391 Datasheet(PDF) 1 Page - EPCOS

Part # B66391
Description  ER 49/27/17 Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66391 Datasheet(HTML) 1 Page - EPCOS

  B66391 Datasheet HTML 1Page - EPCOS B66391 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
474 08/01
I Round center leg particularly suitable
for use of thick winding wires or tapes
I For compact winding design with
low leakage inductance
I ER cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,49 mm–1
le
= 118 mm
Ae
= 243 mm2
Amin = 225 mm2
Ve
= 28 700 mm3
Approx. weight 146 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 3,50 mm
K3, K4: 130 nH < AL < 1300 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
3500 + 30/– 20 % 1350 3240
< 5,38
(200 mT, 25 kHz, 100 °C)
B66391-G-X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
342
– 0,750
578
– 0,847
540
– 0,865
B66391
Core
ER 49/27/17


Similar Part No. - B66391

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66391 EPCOS-B66391 Datasheet
102Kb / 4P
Ferrites and accessories
B66391 EPCOS-B66391 Datasheet
212Kb / 7P
Ferrites and accessories
B66391G0000X127 EPCOS-B66391G0000X127 Datasheet
102Kb / 4P
Ferrites and accessories
B66391G0000X127 EPCOS-B66391G0000X127 Datasheet
212Kb / 7P
Ferrites and accessories
B66391G0000X127 EPCOS-B66391G0000X127_13 Datasheet
212Kb / 7P
Ferrites and accessories
More results

Similar Description - B66391

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65513 EPCOS-B65513 Datasheet
69Kb / 2P
ER 14,5/6 Core
B65523 EPCOS-B65523 Datasheet
94Kb / 3P
ER 9,5/5 Core
B65525 EPCOS-B65525 Datasheet
101Kb / 3P
ER 11/5 Core
B66367 EPCOS-B66367 Datasheet
106Kb / 4P
ETD 49/25/16 Core
B66377 EPCOS-B66377 Datasheet
80Kb / 2P
ER 46/17/18 Core
B66433 EPCOS-B66433 Datasheet
69Kb / 2P
ER 28/17/11 Core
logo
TriQuint Semiconductor
TGC4405 TRIQUINT-TGC4405 Datasheet
429Kb / 11P
17 - 27 GHz Upconverter
TGC4405-SM TRIQUINT-TGC4405-SM Datasheet
443Kb / 15P
17 - 27 GHz Packaged Upconverter
TGC4402 TRIQUINT-TGC4402 Datasheet
415Kb / 10P
17 ??27 GHz Upconverting Mixer
TGC4402 TRIQUINT-TGC4402_15 Datasheet
415Kb / 10P
17 ??27 GHz Upconverting Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com