Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B68450 Datasheet(PDF) 3 Page - EPCOS

Part # B68450
Description  FPC C302
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B68450 Datasheet(HTML) 3 Page - EPCOS

  B68450 Datasheet HTML 1Page - EPCOS B68450 Datasheet HTML 2Page - EPCOS B68450 Datasheet HTML 3Page - EPCOS B68450 Datasheet HTML 4Page - EPCOS B68450 Datasheet HTML 5Page - EPCOS B68450 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
561 08/01
Basic features
I FPC is a composite material of polymer and ferrite
I FPC film is a thin, mechanically flexible film
Technical benefits
I Stable magnetic characteristics
I Low weight: FPC film is 40% lower in density than ferrite
I High mechanical strength
I Shaping as required: customer-specific solutions possible
I Economy: easy transport and storage,
simple, rationalized processing, low mounting volume
I C351 film suitable for high-temperature applications (up to 200
°C)
I Material C351 approved to UL 94-V0 (E 140 693)
I Various film thickness (from 0,2 to 0,4 mm)
I Self-adhesive versions
I C351 film with optional copper coatings 35 to 75
µm thick
Applications
I Implementation of low-profile coils, e.g. for
– identification systems
– security tags for electronic article surveillance
– sensors
– inductive reading of smart cards
I Electromagnetic shielding of coils from metals to prevent interference
I EMC: absorption of radiated emissions at frequencies
≥ 500 MHz
I Compensation of deflection yokes to correct distortion at the corners of TV screens and monitors
I Spacing between ferrite cores (as a substitute for air gaps or non-magnetic films) for
– suppression of the leakage field
– adjustment of the biasing curve
B68450 … B68452
C 350, C 351
FPC Film



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com