Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82614-R2801-A30 Datasheet(PDF) 1 Page - EPCOS

Part # B82614-R2801-A30
Description  Chokes for Power Lines Sine-Wave Chokes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82614-R2801-A30 Datasheet(HTML) 1 Page - EPCOS

  B82614-R2801-A30 Datasheet HTML 1Page - EPCOS B82614-R2801-A30 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
330 04/00
Rated voltage 250 Vac
Rated current 0,8 to 2,7 A
Rated inductance 0,5 to 3,0 mH
Construction
s
Choke consisting of rectangular ferrite core with air gap
s
Closed polycarbonate coil former with 4 sections
s
Without encapsulation
s
One winding
Features
s
Coil former flame-retardant as per UL 94 V-0
s
Recycleable owing to omission of encapsulation and glue
Applications
s
Switch-mode power supplies with current pump
s
Reduced harmonics input current
Terminals
s
Pins 0,7
× 0,7 mm
s
Lead spacing 15
× 12,5 mm
Marking
Manufacturer, ordering code,
rated current, rated inductance, rated current
Dimensional drawing and pin configuration
SSB1389-V
0,7
21 max.
32,5 max.
15±0,2
8,1 max.
B82614
Chokes for Power Lines
Sine-Wave Chokes
Jump to preceding page


Similar Part No. - B82614-R2801-A30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82614 EPCOS-B82614 Datasheet
131Kb / 7P
Power line chokes
B82614R2102A030 EPCOS-B82614R2102A030 Datasheet
131Kb / 7P
Power line chokes
logo
TDK Electronics
B82614R2102A030 TDK-B82614R2102A030 Datasheet
743Kb / 7P
Power line chokes Sine-wave chokes
logo
EPCOS
B82614R2172A030 EPCOS-B82614R2172A030 Datasheet
131Kb / 7P
Power line chokes
logo
TDK Electronics
B82614R2172A030 TDK-B82614R2172A030 Datasheet
743Kb / 7P
Power line chokes Sine-wave chokes
More results

Similar Description - B82614-R2801-A30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82502 EPCOS-B82502 Datasheet
74Kb / 2P
Chokes for Power Lines
B82503 EPCOS-B82503 Datasheet
88Kb / 2P
Chokes for Power Lines
B82623 EPCOS-B82623 Datasheet
75Kb / 2P
Chokes for Power Lines
B82624 EPCOS-B82624 Datasheet
82Kb / 2P
Chokes for Power Lines
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82731 EPCOS-B82731 Datasheet
165Kb / 5P
Chokes for Power Lines D Core Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82724B2602N1 EPCOS-B82724B2602N1 Datasheet
282Kb / 10P
Chokes for Power Lines
logo
TDK Electronics
B82614R2102A030 TDK-B82614R2102A030 Datasheet
743Kb / 7P
Power line chokes Sine-wave chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com