Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6690US Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # 1N6690US
Description  20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

1N6690US Datasheet(HTML) 1 Page - Solid States Devices, Inc

  1N6690US Datasheet HTML 1Page - Solid States Devices, Inc 1N6690US Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
Maximum Ratings
oC
-65 TO +175
Top & Tstg
375
Amps
20
Amps
Io
IFSM
SYMBOL
UNITS
VALUE
RθθθθθJL
RθθθθθJE
3.0
2.5
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25
oC)
Operating and Storage Temperature
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TC = 100
oC
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0143C
20 AMP
600 - 1200 VOLTS
75 ns
ULTRA FAST
RECTIFIER
• Replaces DO-4 and DO-5
• Ultra Fast Recovery
• PIV to 1200 Volts
• Low Reverse Leakage
• Hermetically Sealed Void-Free Construction 1/
• Monolithic Single Chip Construction
• High Surge Rating
• Low Thermal Resistance
• Available in Surface Mount (-US Suffix)
and in Button Tab Mounting (See Data Sheet RU0129).
• TX, TXV and Space Level Screening Available
1/
PIND Testing not required on Void-Free Devices per
MIL-PRF-19500
Peak Repetitive Reverse and
DC Blocking Voltage
1N6690 & 1N6690US
1N6691 & 1N6691US
1N6692 & 1N6692US
1N6693 & 1N6693US
600
800
1000
1200
Volts
VRRM
VRWM
VR
Maximum Thermal Resistance
Junction to Lead, L = 3/8"
Junction to End Tab
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
1N6690 - 1N6693
and
1N6690US - 1N6693US
AXIAL & SURFACE MOUNT


Similar Part No. - 1N6690US

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N6690 SSDI-1N6690 Datasheet
94Kb / 2P
20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
1N6690S SSDI-1N6690S Datasheet
94Kb / 2P
20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
1N6690SMS SSDI-1N6690SMS Datasheet
94Kb / 2P
20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
1N6690SMSS SSDI-1N6690SMSS Datasheet
94Kb / 2P
20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
1N6690SMSTX SSDI-1N6690SMSTX Datasheet
94Kb / 2P
20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
More results

Similar Description - 1N6690US

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1A SSDI-SDR1A Datasheet
125Kb / 2P
1 AMP ULTRA FAST RECOVERY RECTIFIER 50-1200 VOLTS
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR1210UF SSDI-SDR1210UF Datasheet
218Kb / 2P
12 AMP 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR803 SSDI-SDR803 Datasheet
39Kb / 2P
100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
SRM6UF SSDI-SRM6UF Datasheet
37Kb / 2P
20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER
SDR943-61 SSDI-SDR943-61 Datasheet
196Kb / 2P
40 AMP ULTRA FAST RECOVERY RECTIFIER 300- 600 VOLTS
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
1N6690 SSDI-1N6690_1 Datasheet
94Kb / 2P
20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C Datasheet
107Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts
SDR2030UF SSDI-SDR2030UF Datasheet
103Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com