Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1292085 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1292085
Description  SAC-4P-M12MSS PE SH US/.../... - Power cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1292085 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1292085 Datasheet HTML 1Page - PHOENIX CONTACT 1292085 Datasheet HTML 2Page - PHOENIX CONTACT 1292085 Datasheet HTML 3Page - PHOENIX CONTACT 1292085 Datasheet HTML 4Page - PHOENIX CONTACT 1292085 Datasheet HTML 5Page - PHOENIX CONTACT 1292085 Datasheet HTML 6Page - PHOENIX CONTACT 1292085 Datasheet HTML 7Page - PHOENIX CONTACT 1292085 Datasheet HTML 8Page - PHOENIX CONTACT 1292085 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Number of positions
4
Shielded
yes
Cable type
TC-ER 600V [PVC]
Conductor cross section
4x 2.08 mm² (14 AWG)
Wire diameter incl. insulation
2.87 mm ±0.05 mm
External cable diameter
1.20 mm
Outer sheath, material
PVC
External sheath, color
black
Conductor material
Tin-plated Cu wire
Material wire insulation
PVC
Single wire, color
black, white, red, green
Thickness, insulation
0.11 in.
Thickness, outer sheath
approx. 1.26 mm (0.05")
Minimum bending radius, fixed installation
12 x D
Minimum bending radius, flexible installation
12 x D
Smallest bending radius, fixed installation
15 mm
Smallest bending radius, movable installation
15 mm
Flame resistance
FT4
Fire protection in rail vehicles
UL TC-ER (UL 1277)
direct burial
Other resistance
water resistant (70°C wet)
-40 °C ... 90 °C (cable, fixed installation)
Ambient temperature (operation)
-40 °C ... 90 °C (Cable, flexible installation)
Environmental and real-life conditions
Ambient conditions
IP65
Degree of protection
IP67 (without preloading, as additional test in accordance with
IEC 60529)
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
Standards and regulations
Standard designation
M12 connector
Standards/specifications
IEC 61076-2-111
Standards/specifications
UL 2237
Note
Type 4 indoor, 12
SAC-4P-M12MSS PE SH US/.../... - Power cable
1292085
https://www.phoenixcontact.com/us/products/1292085
Jul 2, 2024, 6:43 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com