Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82732-R2112-B30 Datasheet(PDF) 2 Page - EPCOS

Part # B82732-R2112-B30
Description  Chokes for Power Lines D Core Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82732-R2112-B30 Datasheet(HTML) 2 Page - EPCOS

  B82732-R2112-B30 Datasheet HTML 1Page - EPCOS B82732-R2112-B30 Datasheet HTML 2Page - EPCOS B82732-R2112-B30 Datasheet HTML 3Page - EPCOS B82732-R2112-B30 Datasheet HTML 4Page - EPCOS B82732-R2112-B30 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
370 04/00
Dimensional drawings and pin configuration
Vertical version
Horizontal version
General technical data
For further technical data see page 334
Characteristics and ordering codes
Rated voltage
VR
250 Vac/dc
Test voltage
VT
1500 Vac, 2 s (line/line)
Rated current
IR
Referred to 50 Hz and 60
°C ambient temperature
Inductance tolerance
− 30/+ 50 %
Weight
Approx. 7 g
IR
A
LR
mH
LS, typ
µH
Rtyp
m
Ω
Ordering code
vertical version
horizontal version
0,35
100
1000
4500
B82731-M2351-A30
B82731-H2351-A30
0,4
68
700
3000
B82731-M2401-A33
B82731-H2401-A33
0,5
47
470
2000
B82731-M2501-A30
B82731-H2501-A30
0,6
39
390
1500
B82731-M2601-A30
B82731-H2601-A30
0,7
27
270
1000
B82731-M2701-A30
B82731-H2701-A30
0,9
15
150
600
B82731-M2901-A30
B82731-H2901-A30
1,1
10
100
400
B82731-M2112-A30
B82731-H2112-A30
1,3
6,8
70
280
B82731-M2132-A30
B82731-H2132-A30
1,8
3,3
35
140
B82731-M2182-A30
B82731-H2182-A30
0,6 x 0,6
SSB1402-R
90˚±5˚
21 max.
12,5±0,2
7,5 max. 13 max.
SSB1296-7
15 max.
0,6
21 max.
12,5±0,2
B82731
Chokes for Power Lines
D Core Chokes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com