Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR3045CTG Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR3045CTG
Description  15 AMP per leg / 45 Volts LOW VOLTAGE DROP SCHOTTKY POWER DIODE COMMON CATHODE CENTERTAP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR3045CTG Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR3045CTG Datasheet HTML 1Page - Solid States Devices, Inc SSR3045CTG Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
CerPack
SSR3045CT
__ __
└ Screening 2/ __ = Commercial
TX = TX Level
TXV = TXV Level
S = S Level
└ Package:
G = CerPack
SSR3045CTG
15 AMP per leg / 45 Volts
LOW VOLTAGE DROP
SCHOTTKY POWER DIODE
COMMON CATHODE CENTERTAP
Features:
Extremely Low Forward Voltage Drop
Low reverse leakage
Excellent high temperature performance
Hermetically Sealed, low thermal resistance
power Package
Eutectic die attach and monometallic contacts
for improved reliability
TX, TXV, S-Level screening available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
VRWM
VR
45
V
Average Rectified Forward Current
PER LEG
IO
15
A
Peak Surge Current
8.3 ms pulse, half sinewave
superimposed on Io; allow
junction to reach equilibrium in
between pulses; Ta= 25ºC
IFSM
250
A
Peak Reverse Energy
L= 260 uH
ER
0.5
mJ
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
2.25
ºC/W
PACKAGE OUTLINE:
CERPACK
PINOUT:
PIN 1: ANODE 1
PIN 2: ANODE 2
PAD: CATHODE
12
2x .100
.210
(.040)
.140
.010±.002
(.050)
2x .060
.370
.020
.315
.300
.105±.010
.340
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0035A
DOC


Similar Part No. - SSR3045CTG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SSR3055A SAMSUNG-SSR3055A Datasheet
323Kb / 6P
ADVANCED POWER MOSFET
logo
Inchange Semiconductor ...
SSR3055A ISC-SSR3055A Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
SSR3055LA ISC-SSR3055LA Datasheet
374Kb / 2P
isc N-Channel MOSFET Transistor
logo
Solid States Devices, I...
SSR30C100S1 SSDI-SSR30C100S1 Datasheet
144Kb / 2P
30 A / 1200 V Schottky Silicon Carbide Rectifier
SSR30C100S1 SSDI-SSR30C100S1 Datasheet
76Kb / 2P
Schottky Silicon Carbide Rectifier
More results

Similar Description - SSR3045CTG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6660 MICROSEMI-1N6660 Datasheet
41Kb / 1P
30 Amp / 45 VOLTS COMMON CATHODE OR COMMON ANODE SCHOTTKY RECTIFIER
1N6840 MICROSEMI-1N6840 Datasheet
209Kb / 2P
35 and 45 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
1N6842 MICROSEMI-1N6842 Datasheet
209Kb / 2P
60 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
1N6843 MICROSEMI-1N6843 Datasheet
209Kb / 2P
100 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
logo
Solid States Devices, I...
1N6660 SSDI-1N6660 Datasheet
175Kb / 2P
40 AMP, 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2040CT-5 SSDI-SSR2040CT-5 Datasheet
178Kb / 2P
7 AMP 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR1510S.5 SSDI-SSR1510S.5 Datasheet
149Kb / 2P
15 AMP /100 Volts LOW VOLTAGE DROP SCHOTTKY POWER DIODE
logo
Microsemi Corporation
1N6840U3 MICROSEMI-1N6840U3 Datasheet
71Kb / 3P
35 and 45 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
1N6842U3 MICROSEMI-1N6842U3 Datasheet
70Kb / 2P
60 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
1N6843CCU3 MICROSEMI-1N6843CCU3 Datasheet
73Kb / 3P
100 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com