Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR30C100S1 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR30C100S1
Description  30 A / 1200 V Schottky Silicon Carbide Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR30C100S1 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR30C100S1 Datasheet HTML 1Page - Solid States Devices, Inc SSR30C100S1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SSR30C __
__ __
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
└ Package
S1 = SMD1
└ Voltage
100 = 1000 V
120 = 1200 V
SMD1
SSR30C100S1
&
SSR30C120S1
30 A / 1200 V
Schottky Silicon Carbide
Rectifier
FEATURES:
• 1200 Volt Silicon Carbide Schottky Rectifier
• Average Output Current 30 Amps
• No Reverse Recovery
• No Forward Recovery
• No Switching Time Change Over
Temperature
• Small Package Size
• TX, TXV, and Space Level Screening
Available. 2/ Consult Factory.
MAXIMUM RATINGS 3/
Symbol
Value
Units
Peak Repetitive and Peak Reverse Voltage
SSR30C100S1
SSR30C120S1
VRRM
VR
1000
1200
Volts
Average Rectified Forward Current
4/
(Resistive Load, 60 Hz, Sine Wave)
Total
IO
30
Amps
Peak Surge Current
4/
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC)
Total
IFSM
120
Amps
Operating & Storage Temperature
TOP & Tstg
-55 to +250
oC
Junction Temperature
TJ
-55 to +250
oC
Maximum Thermal Resistance
4/
(Junction to Case)
Total
RθJC
0.8
oC/W
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
4/ Terminal Pads 1 & 3 Must be connected together for testing and at the Board Level.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0043B
DOC


Similar Part No. - SSR30C100S1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR30C100S1 SSDI-SSR30C100S1 Datasheet
76Kb / 2P
Schottky Silicon Carbide Rectifier
SSR30C100S1 SSDI-SSR30C100S1_1 Datasheet
76Kb / 2P
Schottky Silicon Carbide Rectifier
More results

Similar Description - SSR30C100S1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR10C120CT SSDI-SSR10C120CT Datasheet
132Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Centertap Rectifier
SSR05C120 SSDI-SSR05C120 Datasheet
205Kb / 2P
5 A / 1200 V Schottky Silicon Carbide Rectifier
SSR30C120S1 SSDI-SSR30C120S1 Datasheet
144Kb / 2P
30 A / 1200 V Schottky Silicon Carbide Rectifier
SH0067A SSDI-SH0067A Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
logo
ON Semiconductor
FFSD08120A ONSEMI-FFSD08120A Datasheet
465Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 8 A
January, 2020 ??Rev. 3
FFSH15120A ONSEMI-FFSH15120A Datasheet
450Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 15 A
January, 2020 ??Rev. 2
FFSP10120A ONSEMI-FFSP10120A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 10 A
January, 2020 ??Rev. 2
FFSH10120A-F155 ONSEMI-FFSH10120A-F155 Datasheet
310Kb / 7P
Silicon Carbide Schottky Diode 1200 V, 10 A
August, 2020 - Rev. 0
FFSB10120A-F085 ONSEMI-FFSB10120A-F085_V01 Datasheet
316Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 10 A
March, 2022 - Rev. 2
logo
WOLFSPEED, INC.
C4D30120H WOLFSPEED-C4D30120H Datasheet
757Kb / 8P
4th Generation 1200 V, 30 A Silicon Carbide Schottky Diode
Rev. 1, January 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com