Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X6867D Datasheet(PDF) 3 Page - EPCOS

Part # X6867D
Description  SAW Components Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6867D Datasheet(HTML) 3 Page - EPCOS

  X6867D Datasheet HTML 1Page - EPCOS X6867D Datasheet HTML 2Page - EPCOS X6867D Datasheet HTML 3Page - EPCOS X6867D Datasheet HTML 4Page - EPCOS X6867D Datasheet HTML 5Page - EPCOS X6867D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Dec 08, 2003
SAW Components
X 6867 D
36,00 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
36,00 MHz
21,1
22,6
24,1
dB
following data
Amplitude ripple (p-p)
∆α
32,35
... 39,65 MHz
1,0
dB
Pass bandwidth
α
rel < 1,5 dB
B1,5dB
7,8
MHz
α
rel < 3 dB
B3dB
8,1
MHz
α
rel < 15 dB
B15dB
9,0
MHz
α
rel < 30 dB
B30dB
9,5
MHz
Relative attenuation
α
rel
31,65 MHz
7,0
8,7
dB
40,35 MHz
7,0
10,7
dB
31,30 MHz
21,5
24,5
dB
40,70 MHz
21,0
27,0
dB
Lower sidelobe
25,00
... 31,00 MHz
33,0
38,0
Upper sidelobe
41,00
... 45,00 MHz
31,0
36,0
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
46,0
dB
(test pulse 250 ns,
carrier frequency 36,00 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
50,0
dB
(test pulse 250 ns,
carrier frequency 36,00 MHz)
Group delay ripple (p-p)
∆τ
32,35
... 39,65 MHz
50
ns
Impedance at 36,00 MHz
Input:
ZIN
=
RIN
||
CIN
4,0 ||11,2
k
Ω || pF
Output:
ZOUT = ROUT || COUT
3,5 || 3,0
—k
Ω || pF
Temperature coefficient of frequency
TCf
–72
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com