Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X6893D Datasheet(PDF) 3 Page - EPCOS

Part # X6893D
Description  SAW Components Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6893D Datasheet(HTML) 3 Page - EPCOS

  X6893D Datasheet HTML 1Page - EPCOS X6893D Datasheet HTML 2Page - EPCOS X6893D Datasheet HTML 3Page - EPCOS X6893D Datasheet HTML 4Page - EPCOS X6893D Datasheet HTML 5Page - EPCOS X6893D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Apr 30, 2004
SAW Components
X 6893 D
44,00 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Center frequency
fC
(44,00)
MHz
(center between 10 dB points)
Insertion attenuation
α
Reference level for the
44,06 (44,00) MHz
13,5
15,0
16,5
dB
following data
Pass bandwith
α
rel ≤ 3dB
B3dB
6,2
MHz
α
rel ≤ 30 dB
B30dB
7,7
MHz
Relative attenuation
α
rel
40,96 (40,90) MHz
2,8
dB
47,16 (47,10) MHz
3,3
dB
Lower sidelobe
35,06 ... 38,96 (35,00 ... 38,90) MHz
38,0
45,0
dB
38,96 ... 40,01 (38,90 ... 39,95) MHz
35,0
43,0
dB
Upper sidelobe
48,11 ... 49,46 (48,05 ... 49,40) MHz
30,0
37,0
dB
49,46 ... 55,06 (49,40 ... 55,00) MHz
38,0
45,0
dB
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
52,0
dB
(test pulse 250 ns,
carrier frequency 44,06 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
dB
(test pulse 250 ns,
carrier frequency 44,06 MHz)
Group delay ripple (p-p)
∆τ
Aperture 50 kHz
40,96 ... 47,16 (40,90 ... 47,10) MHz
40
ns
Impedance at 44,06 MHz
Input:
ZIN
=
RIN
||
CIN
1,7 ||15,2
k
Ω || pF
Output:
ZOUT = ROUT || COUT
1,6 || 4,4
—k
Ω || pF
Temperature coefficient of frequency
TCf
–72
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com