Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X6965M Datasheet(PDF) 3 Page - EPCOS

Part # X6965M
Description  SAW Components Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6965M Datasheet(HTML) 3 Page - EPCOS

  X6965M Datasheet HTML 1Page - EPCOS X6965M Datasheet HTML 2Page - EPCOS X6965M Datasheet HTML 3Page - EPCOS X6965M Datasheet HTML 4Page - EPCOS X6965M Datasheet HTML 5Page - EPCOS X6965M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 31, 2006
SAW Components
X 6965 M
44,00 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Center frequency
fC
44,00
MHz
(center between 3 dB points)
Insertion attenuation
α
Reference level for the
44,06 (44,00) MHz
12,9
14,4
15,9
dB
following data
Pass bandwith
α
rel ≤3dB
B3dB
6,0
MHz
α
rel ≤30 dB
B30dB
7,6
MHz
Amplitude ripple
∆α
Aperture: 250 kHz
41,53
... 46,59 MHz
0,4
0,8
dB
Relative attenuation
α
rel
41,53 (41,47) MHz
0,4
dB
46,59 (46,53) MHz
0,4
dB
41,06 (41,00) MHz
1,8
3,0
4,2
dB
47,06 (47,00) MHz
1,5
2,7
3,9
dB
47,31 (47,25) MHz
6,2
dB
39,81 (39,75) MHz
40,0
52,0
dB
Lower sidelobe
35,06 ... 39,46 (35,00 ... 39,40) MHz
44,0
50,0
dB
39,46 ... 40,06 (39,40 ... 40,00) MHz
38,0
44,0
dB
Upper sidelobe
48,06 ... 50,06 (48,00 ... 50,00) MHz
36,0
43,0
dB
50,06 ... 55,06 (50,00 ... 55,00) MHz
42,0
48,0
dB
Reflected wave signal suppression
1,3
µs ... 6,0 µs after main pulse
42,0
52,0
dB
(test pulse 250 ns,
carrier frequency 44,06 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
50,0
56,0
dB
(test pulse 250 ns,
carrier frequency 44,06 MHz)
Group delay ripple (p-p)
∆τ
Aperture 250 kHz
41,53 ...
46,59 MHz
20
40
ns
Impedance at 44,06 MHz
Input:
ZIN
=
RIN
||
CIN
1,3 ||16,1
k
Ω || pF
Output:
ZOUT = ROUT || COUT
1,1 || 5,6
—k
Ω || pF
Temperature coefficient of frequency
TCf
–72
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com