Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X6989D Datasheet(PDF) 3 Page - EPCOS

Part # X6989D
Description  SAW Components Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6989D Datasheet(HTML) 3 Page - EPCOS

  X6989D Datasheet HTML 1Page - EPCOS X6989D Datasheet HTML 2Page - EPCOS X6989D Datasheet HTML 3Page - EPCOS X6989D Datasheet HTML 4Page - EPCOS X6989D Datasheet HTML 5Page - EPCOS X6989D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Dec 08, 2003
SAW Components
X 6989 D
57,00 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
57,08 (57,00) MHz
11,1
12,6
14,1
dB
following data
Pass bandwidth
α
rel ≤3dB
B3dB
6,0
MHz
α
rel ≤30 dB
B30dB
7,5
MHz
Relative attenuation
α
rel
54,53 (54,45) MHz
–1,2
–0,2
0,8
dB
59,53 (59,45) MHz
–0,9
0,1
1,1
dB
54,03 (53,95) MHz
2,7
dB
60,03 (59,95) MHz
3,4
dB
60,39 (60,31) MHz
11,0
dB
Lower sidelobe
45,08 ... 52,08 (45,00 ... 52,00) MHz
38,0
43,0
dB
52,08 ... 53,03 (52,00 ... 52,95) MHz
34,0
39,0
dB
Upper sidelobe
60,88 ... 62,58 (60,80 ... 62,50) MHz
32,0
38,0
dB
62,58 ... 65,08 (62,50 ... 65,00) MHz
38,0
44,0
dB
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
52,0
dB
(test pulse 250 ns, carrier frequency 57,08 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
50,0
56,0
dB
(test pulse 250 ns, carrier frequency 57,08 MHz)
Group delay ripple (p-p)
∆τ
Aperture 50 kHz
54,03 ... 60,08 (53,95 ... 60,00) MHz
50
ns
Impedance at 57,08 MHz
Input:
ZIN
=
RIN
||
CIN
0,7||17,4
k
Ω || pF
Output:
ZOUT = ROUT || COUT
0,8|| 4,4
—k
Ω || pF
Temperature coefficient of frequency
TCf
–72
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com