Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC10 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC10
Description  10A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC10 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC10_06 Datasheet HTML 1Page - Won-Top Electronics KBPC10_06 Datasheet HTML 2Page - Won-Top Electronics KBPC10_06 Datasheet HTML 3Page - Won-Top Electronics KBPC10_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC10 SERIES
1 of 4
© 2006 Won-Top Electronics
Pb
KBPC10 SERIES
10A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
A
A
!
Low Reverse Leakage Current
C
C
!
Low Power Loss, High Efficiency
G
G
!
Electrically Isolated Metal Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
!
Recognized File # E157705
                  
H
H
Mechanical Data
E
E
!
Case: KBPC (Metal Case with Faston Lugs)
B
B
or KBPC-W (Metal Case with Wire Leads)
!
Terminals: Plated Faston Lugs or Wire Leads,
Add “W” Suffix to Indicate Wire Leads
!
Polarity: As Marked on Case
!
Mounting: Through Hole with #10 Screw
!
Mounting Torque: 23 cm-kg (20 in-lbs) Max.
!
Weight: 30 grams (KBPC); 28 grams (KBPC-W)
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
KBPC10
Characteristic
Symbol
00
01
02
04
06
08
10
12
14
16
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000 1200 1400 1600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
840
980
1120
V
Average Rectified Output Current @TA = 50°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
200
A
Forward Voltage per leg
@IF = 5.0A
VFM
1.2
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
1.0
µA
mA
I2t Rating for Fusing (t < 8.3ms)
I2t
166
A2s
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance per leg (Note 2)
RJC
3.0
°C/W
RMS Isolation Voltage from Case to Leads
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case, mounted on heatsink.
WTE
POWER SEMICONDUCTORS
KBPC
KBPC-W
Dim
Min
Max
Min
Max
A
27.94
28.96
27.94
28.96
B
10.97
11.23
10.97
11.23
C
15.50
17.60
17.10
19.10
D
17.50
18.50
10.90
11.90
E
22.86
25.40
30.50
—
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm
KBPC
KBPC-W


Similar Part No. - KBPC10_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBPC10-00 ETC1-KBPC10-00 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC10-01 ETC1-KBPC10-01 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC10-02 ETC1-KBPC10-02 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC10-04 ETC1-KBPC10-04 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
KBPC10-08 ETC1-KBPC10-08 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
More results

Similar Description - KBPC10_06

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC10P WTE-KBPC10P Datasheet
55Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10S WTE-KBPC10S Datasheet
66Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBU1000 WTE-KBU1000_06 Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBU1000G WTE-KBU1000G_06 Datasheet
52Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MP1000 WTE-MP1000_06 Datasheet
46Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
PB1000 WTE-PB1000_06 Datasheet
60Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
PB1000S WTE-PB1000S Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB1005 TAITRON-TB1005 Datasheet
177Kb / 4P
10A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Zibo Seno Electronic En...
GBPC1000 ZSELEC-GBPC1000 Datasheet
89Kb / 2P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com