Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC50S Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC50S
Description  50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC50S Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC50S Datasheet HTML 1Page - Won-Top Electronics KBPC50S Datasheet HTML 2Page - Won-Top Electronics KBPC50S Datasheet HTML 3Page - Won-Top Electronics KBPC50S Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC50S SERIES
1 of 4
© 2006 Won-Top Electronics
Pb
KBPC50S SERIES
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Features
Diffused Junction
Low Forward Voltage Drop
High Current Capability
A
High Reliability
High Surge Current Capability
J
Designed for Saving Mounting Space
Recognized File # E157705
-
~
~
+
Mechanical Data
C
Case: KBPC-S, Molded Plastic with Heatsink
D
Internally Mounted in the Bridge Encapsulation
Terminals: Plated Leads Solderable per
E E
MIL-STD-202, Method 208
Polarity: As Marked on Body
METAL HEATSINK
Mounting: Through Hole with #10 Screw
B
G
Mounting Torque: 23 cm-kg (20 in-lbs) Max.
Weight: 21 grams (approx.)
Marking: Type Number
H
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
KBPC50
Characteristic
Symbol
00S
01S
02S
04S
06S
08S
10S
12S
14S
16S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000 1200 1400 1600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
840
980
1120
V
Average Rectified Output Current @TA = 60°C
IO
50
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
450
A
Forward Voltage per leg
@IF = 25A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
500
µA
I
2t Rating for Fusing (t < 8.3ms)
I
2t
800
A
2s
Typical Junction Capacitance (Note 1)
Cj
400
pF
Typical Thermal Resistance per leg (Note 2)
RθJC
1.6
°C/W
RMS Isolation Voltage from Case to Leads
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case, mounted on heatsink.
WTE
POWER SEMICONDUCTORS
KBPC-S
Dim
Min
Max
A
28.40
28.70
B
10.97
11.23
C
—
21.00
D
—
25.00
E
5.10
—
G
1.20 Ø Typical
H
3.05
3.60
J
5.08 Ø Nominal
All Dimensions in mm


Similar Part No. - KBPC50S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC50S WTE-KBPC50S_V01 Datasheet
53Kb / 4P
50A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - KBPC50S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC50 WTE-GBPC50 Datasheet
60Kb / 4P
50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
GBPC50S WTE-GBPC50S Datasheet
73Kb / 4P
50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50P WTE-KBPC50P Datasheet
55Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB5005 TAITRON-MB5005 Datasheet
144Kb / 4P
50A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G_10 Datasheet
101Kb / 3P
50A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
MP50S NELLSEMI-MP50S Datasheet
268Kb / 3P
Single-Phase Bridge Rectifier, 50A
logo
Zibo Seno Electronic En...
GBPC5000 ZSELEC-GBPC5000 Datasheet
90Kb / 2P
50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC5000 ZSELEC-KBPC5000 Datasheet
389Kb / 2P
50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBPC5006 YFWDIODE-KBPC5006 Datasheet
563Kb / 3P
50A HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com