Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC301G Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC301G
Description  3.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC301G Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC301G Datasheet HTML 1Page - Won-Top Electronics KBPC301G Datasheet HTML 2Page - Won-Top Electronics KBPC301G Datasheet HTML 3Page - Won-Top Electronics KBPC301G Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC300G – KBPC310G
1 of 4
© 2006 Won-Top Electronics
Pb
KBPC300G – KBPC310G
3.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
High Current Capability
H
!
High Case Dielectric Strength
G
!
High Surge Current Capability
+
~
!
Ideal for Printed Circuit Board Application
E
A
!
Plastic Material has UL Flammability 94V-0
~
-
!
Recognized File # E157705
Mechanical Data
!
Case: KBPC-3, Molded Plastic
D
C
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 3.8 grams (approx.)
A
!
Mounting Position: Through Hole for #6 Screw
!
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBPC
300G
KBPC
301G
KBPC
302G
KBPC
304G
KBPC
306G
KBPC
308G
KBPC
310G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TA = 50°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
60
A
Forward Voltage per leg
@IF = 1.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
500
µA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
15
A2s
Typical Junction Capacitance (Note 3)
Cj
21
pF
Typical Thermal Resistance per leg (Note 1)
RJC
8.0
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Mounted on 105 x 105 x 3.0mm Al. plate.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
KBPC-3
Dim
Min
Max
A
14.73
15.75
B
5.84
6.86
C
19.00
—
D
0.76 Ø Typical
E
1.70
2.72
Hole for #6 screw
G
3.60
4.00
H
10.30
11.30
All Dimensions in mm


Similar Part No. - KBPC301G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC301G WTE-KBPC301G Datasheet
34Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC301G JGD-KBPC301G Datasheet
121Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC301G WTE-KBPC301G Datasheet
52Kb / 4P
3.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - KBPC301G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC1005 TAITRON-GBPC1005 Datasheet
208Kb / 4P
3.0A Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
HBS305 ZSELEC-HBS305 Datasheet
118Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
UD3KB10 YFWDIODE-UD3KB10 Datasheet
460Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Burland Technology Solu...
UG3KB05G BURLAND-UG3KB05G Datasheet
362Kb / 5P
UG3KB05G THRU UG3KB100G Single-Phase 3.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
UG3KB05 SMCDIODE-UG3KB05 Datasheet
413Kb / 5P
Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. A
UG3KB05G SMCDIODE-UG3KB05G Datasheet
362Kb / 5P
Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. -
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com