Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38A Datasheet(PDF) 3 Page - EPCOS

Part # LP38A
Description  Low-Loss Filter for Multimedia Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LP38A Datasheet(HTML) 3 Page - EPCOS

  LP38A Datasheet HTML 1Page - EPCOS LP38A Datasheet HTML 2Page - EPCOS LP38A Datasheet HTML 3Page - EPCOS LP38A Datasheet HTML 4Page - EPCOS LP38A Datasheet HTML 5Page - EPCOS LP38A Datasheet HTML 6Page - EPCOS LP38A Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Nov 24, 2005
LP38A
782.0 MHz
SAW Components
Low-Loss Filter for Multimedia Applications
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –10 ˚C to +75 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
Matching network (element values depend on PCB layout)
LP38A1)
1) Values in columns min, typ and max indicate the development status of the current version.
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
782.0
MHz
Maximum insertion attenuation
α
max
702.00 ...
862.00 MHz
1.5
2.0
dB
Attenuation
α
0.00 ...
108.00 MHz
40.0
60.0
dB
174.00 ...
230.00 MHz
30.0
40.0
dB
880.00 ...
915.00 MHz
25.0
28.0
dB
Group delay ripple (p-p)
∆τ
702.00 ...
862.00 MHz
13
ns
Maximum ratings
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3V
ESD voltage
VESD1)
1) according to JESD22-A115A (Machine Model), 10 negative and 10 positive pulses
200
V
Machine Model, 10 pulses
Source power
880,0 ... 915,0 MHz
PS
24
dBm
source impedance 50
(duty cycle 1:8)
Lp1 = 6.2 nH
Lp2 = 6.2 nH
Lp1
Lp2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com