Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT2907A2 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT2907A2
Description  Dual Microminiature Package 600 mA 60 Volts Dual PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT2907A2 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT2907A2 Datasheet HTML 1Page - Solid States Devices, Inc SFT2907A2 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT2907A2
Series
Electrical Characteristic 4/
Symbol
Min
Max
Units
Collector – Emitter Sustaining Voltage
IC = 10 mA
BVCEO
60
––
Volts
Collector Cutoff Current
VCE = 30 V
ICES
––
50
nA
Collector Cutoff Current
VCB = 50 V
VCB = 60 V
VCB = 50 V, TA = 150 ºC
ICBO
––
10
10
10
nA
µA
µA
Emitter Cutoff Current
VEB = 4.0 V
VEB = 5.0 V
IEBO
––
50
10
nA
µA
VCE = 10V, IC = 0.1 mA
VCE = 10V, IC = 1.0 mA
VCE = 10V, IC = 10 mA
VCE = 10V, IC = 150 mA
VCE = 10V, IC = 500 mA
HFE
75
100
100
100
50
––
450
––
300
––
DC Forward Current Transfer Ratio *
VCE = 10V, IC = 10 mA, TA = -55ºC
50
––
Collector – Emitter Saturation Voltage *
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
VCE(Sat)
––
––
0.4
1.6
Volts
Base – Emitter Saturation Voltage *
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
VBE(Sat)
0.6
––
1.3
2.6
Volts
Frequency Transition (Small Signal
Current Gain) @ f = 100 MHz
VCE = 20V, IC = 20mA
fT
200
––
MHz
Switching Times
Vcc = 30 V, Ic =150 mA
IB1=IB2=15mA, VBE(off) = 3V
ton
toff
––
––
45
300
ns
Output Capacitance
VCE = 10V, f = 1MHz
cob
––
8.0
pF
Input Capacitance
VCE = 2.0V, f = 1MHz
cib
––
30
pF
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Available Part Numbers:
SFT2907A2GW
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
GW
Collector1
Base1
Emitter1
Collector2
Base2
Emitter2
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0031D
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com