Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB9075H Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAB9075H
Description  Picture-in-Picture PIP controller for NTSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9075H Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAB9075H Datasheet HTML 17Page - NXP Semiconductors SAB9075H Datasheet HTML 18Page - NXP Semiconductors SAB9075H Datasheet HTML 19Page - NXP Semiconductors SAB9075H Datasheet HTML 20Page - NXP Semiconductors SAB9075H Datasheet HTML 21Page - NXP Semiconductors SAB9075H Datasheet HTML 22Page - NXP Semiconductors SAB9075H Datasheet HTML 23Page - NXP Semiconductors SAB9075H Datasheet HTML 24Page - NXP Semiconductors SAB9075H Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
February 1995
21
Philips Semiconductors
Preliminary specification
Picture-in-Picture (PIP) controller for NTSC
SAB9075H
Table 5
Register 0; PIP mode control register
Notes
1. With PIPON in OFF mode the fast blanking signal is made inactive. All other functions will operate as if the circuit
were in operational mode.
2. With MANRED set to logic 0 the reduction factors will be set automatically, dependent on the PIP mode and the
aspect ratio bits of main and sub (bits 5 and 4). Table 4 indicates which bits should be set to obtain a certain PIP
mode.
3. With MANRED set to logic 1 the calculation of the reduction factors is not carried out and should be set by Register 4
(see Table 9). Only combinations with MANRED set to logic 0 are guaranteed.
4. MASPECT and SASPECT are used in automatic mode (MANRED) to indicate the type of input signals, together with
MODE the PIP mode can be set (see Table 4). In manual mode these bits are ignored.
5. The MODE bits set the PIP mode. For the multi-PIP modes the frozen PIPs are set to the 30% grey colour. Once a
PIP has been made live it will always display the last video data.
Table 6
Register 1; general control register
Notes
1. HPOS and VPOS determine the general location of the sub-PIP on the screen. HPOS only operates in modes SPS,
SPL, DP, MP3 and MP4. VPOS only operates in modes SPS and SPL. The default location of the sub-pictures will
be left top.
2. MFREEZE will freeze the main-picture, and SFREEZE will freeze the sub-picture selected by the live select bits as
in Register 8 (see Table 13).
3. BCOLPOL can invert the border polarity of U and V.
4. MVFILT and SVFILT set the type of vertical filtering for the main and sub-channel. Mode 1 means that diagonal lines
are linearized, in Mode 0 this option is switched OFF. This filtering mode only operates with vertical reduction
factors 1
⁄3 and 1⁄4.
BIT
MODE
RESULT
7
PIPON
logic 0 = PIP function is OFF(1); logic 1 = PIP function is ON
6
MANRED
logic 0 = automatic reduction factors(2); logic 1 = manual reduction factors(3)
5
MASPECT(4)
main-aspect ratio; 0 = 4 : 3; 1 = 16 : 9
4
SASPECT(4)
sub-aspect ratio; 0 = 4 : 3; 1 = 16 : 9
3
MODE(3)(5)
PIP mode
2
MODE(2)(5)
PIP mode
1
MODE(1)(5)
PIP mode
0
MODE(0)(5)
PIP mode
BIT
MODE
RESULT
7
HPOS(1)
logic 0 = left; logic 1 = right
6
VPOS(1)
logic 0 = top; logic 1 = bottom
5
MFREEZE(2)
logic 0 = main-freeze is OFF; logic 1 = main-freeze is ON
4
SFREEZE(2)
logic 0 = sub-freeze is OFF; logic 1 = sub-freeze is ON
3
−
not used
2
BCOLPOL(3)
border UV polarity; logic 0 = +(B
−Y), +(R−Y); logic 1 = −(B−Y), −(R−Y)
1
MVFILT(4)
main-vertical filter mode; logic 0 = Mode 0; logic 1 = Mode 1
0
SVFILT(4)
sub-vertical filter mode; logic 0 = Mode 0; logic 1 = Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com