Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4148 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # MMBD4148
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD4148 Datasheet(HTML) 2 Page - Won-Top Electronics

  MMBD4148 Datasheet HTML 1Page - Won-Top Electronics MMBD4148 Datasheet HTML 2Page - Won-Top Electronics MMBD4148 Datasheet HTML 3Page - Won-Top Electronics MMBD4148 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD4148
2 of 4
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
75
—
V
@ IRS = 100µA
Forward Voltage
VF
—1.0
V
@ IF = 10mA
Reverse Leakage Current
IR
—2.5
µA
@ VR = 75V
Junction Capacitance
Cj
—2.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
—4.0
nS
IF = IR = 10mA,
IRR = 0.1 x IR, RL = 100

Note: 1. Device mounted on fiberglass substrate 40 x 40 x 1.5mm.
0.1
1000
100
10
400
600
800
1000
1200
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 2, Typical Forward Characteristics
F
T = +25°C
A
T = -25°C
A
T = +75°C
A
T = +125°C
A
T = +150°C
A
400
T , AMBIENT TEMPERATURE, (°C)
A
Fig. 1 Power Derating Curve
See Note 1
200
100
300
0
500
0
100
200
0.0001
10
1
0.001
0.01
0.1
0
50
100
150
200
T , JUNCTION TEMPERATURE ( )
Fig. 3, Typical Reverse Characteristics
j
°C
V = 20V
R
V = 75V
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com