Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB9077 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SAB9077
Description  Picture-In-Picture PIP controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9077 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SAB9077 Datasheet HTML 22Page - NXP Semiconductors SAB9077 Datasheet HTML 23Page - NXP Semiconductors SAB9077 Datasheet HTML 24Page - NXP Semiconductors SAB9077 Datasheet HTML 25Page - NXP Semiconductors SAB9077 Datasheet HTML 26Page - NXP Semiconductors SAB9077 Datasheet HTML 27Page - NXP Semiconductors SAB9077 Datasheet HTML 28Page - NXP Semiconductors SAB9077 Datasheet HTML 29Page - NXP Semiconductors SAB9077 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
1996 Aug 07
26
Philips Semiconductors
Preliminary specification
Picture-In-Picture (PIP) controller
SAB9077H
DC CHARACTERISTICS FOR THE DIGITAL PART
All VDDD pins = 4.5 to 5.5 V; Tamb = −20 to +75 °C; unless otherwise specified
Note
1. Vin is attached to the VDDD or VSSD.
AC CHARACTERISTICS FOR THE DIGITAL PART
VDDD = 4.5 to 5.5 V (all VDDD pins); Tamb = −20 to +75 °C; unless otherwise specified
Notes
1. The internal system frequency is1728 times the Hsync input frequency for both the acquisition and display PLLs.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIH
HIGH level input voltage
HPF01
70
−−
%VDD
HPP01
70
−−
%VDD
HUP07
80
−−
%VDD
IOI41
70
−−
%VDD
HOU21
70
−−
%VDD
VIL
LOW level input voltage
HPF01
−−
30
%VDD
HPP01
−−
30
%VDD
HUP07
−−
20
%VDD
IOI41
−−
30
%VDD
HOU21
−−
30
%VDD
Vhys
hysteresis voltage
HUP07
−
33
−
%VDD
VOH
HIGH level output voltage
OPF20; IOL = −2 mA; VDDD = 4.5 V
4.1
−−
V
SPF20; IOL = −2 mA; VDDD = 4.5 V
4.1
−−
V
VOL
LOW level output voltage
IOI41; IOL = +2 mA; VDDD = 4.5 V
−−
0.4
V
OPF20; IOL = +2 mA; VDDD = 4.5 V
−−
0.4
V
SPF20; IOL = +2 mA; VDDD = 4.5 V
−−
0.4
V
ILI
input leakage current
HPF01; VDDD = 5.5 V;
−
0.1
1
µA
HPP01; VDDD = 5.5 V;
−
0.1
1
µA
I
OZ
3-state output leakage current IOI41; VDDD = 5.5 V
−
0.2
5
µA
Rpu
internal pull-up resistor
HUP07
17
−
134
k
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fsys
system frequency
acquisition; note 1
−
27
30
MHz
display; note 1
−
27
30
MHz
tr
rise time
−
625
ns
tf
fall time
−
625
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com