Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB9079HS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAB9079HS
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079HS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAB9079HS Datasheet HTML 2Page - NXP Semiconductors SAB9079HS Datasheet HTML 3Page - NXP Semiconductors SAB9079HS Datasheet HTML 4Page - NXP Semiconductors SAB9079HS Datasheet HTML 5Page - NXP Semiconductors SAB9079HS Datasheet HTML 6Page - NXP Semiconductors SAB9079HS Datasheet HTML 7Page - NXP Semiconductors SAB9079HS Datasheet HTML 8Page - NXP Semiconductors SAB9079HS Datasheet HTML 9Page - NXP Semiconductors SAB9079HS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
2000 Jan 13
6
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
DAO0
41
O
memory output data bit 0 (CMOS levels)
DAO1
42
O
memory output data bit 1 (CMOS levels)
DAO2
43
O
memory output data bit 2 (CMOS levels)
DAO3
44
O
memory output data bit 3 (CMOS levels)
DAO4
45
O
memory output data bit 4 (CMOS levels)
DAO5
46
O
memory output data bit 5 (CMOS levels)
VSSD(P2)
47
S
digital ground 2 for periphery; note 1
VDDD(P2)
48
S
digital supply voltage 2 for periphery (5.0 V); note 2
DAO6
49
O
memory output data bit 6 (CMOS levels)
DAO7
50
O
memory output data bit 7 (CMOS levels)
SC
51
O
memory shift clock output (CMOS levels)
DAI15
52
I
memory input data bit 15 (CMOS levels)
DAO15
53
O
memory output data bit 15 (CMOS levels)
DAI14
54
I
memory input data bit 14 (CMOS levels)
DAO14
55
O
memory output data bit 14 (CMOS levels)
DAI13
56
I
memory input data bit 13 (CMOS levels)
DAO13
57
O
memory output data bit 13 (CMOS levels)
DAI12
58
I
memory input data bit 12 (CMOS levels)
DAO12
59
O
memory output data bit 12 (CMOS levels)
DAI11
60
I
memory input data bit 11 (CMOS levels)
DAO11
61
O
memory output data bit 11 (CMOS levels)
VDDD(P3)
62
S
digital supply voltage 3 for periphery (5.0 V); note 2
VSSD(P3)
63
S
digital ground 3 for periphery; note 1
DAI10
64
I
memory input data bit 10 (CMOS levels)
DAO10
65
O
memory output data bit 10 (CMOS levels)
DAI9
66
I
memory input data bit 9 (CMOS levels)
DAO9
67
O
memory output data bit 9 (CMOS levels)
DAI8
68
I
memory input data bit 8 (CMOS levels)
DAO8
69
O
memory output data bit 8 (CMOS levels)
CAS
70
O
memory column address strobe output (CMOS levels)
AD0
71
O
memory address output bit 0 (CMOS levels)
AD1
72
O
memory address output bit 1 (CMOS levels)
AD2
73
O
memory address output bit 2 (CMOS levels)
AD3
74
O
memory address output bit 3 (CMOS levels)
VSSD(P4)
75
S
digital ground 4 for periphery; note 1
VDDD(P4)
76
S
digital supply voltage 4 for periphery (5.0 V); note 2
WE
77
O
memory write enable output (CMOS levels)
RAS
78
O
memory row address strobe output (CMOS levels)
AD8
79
O
memory address output bit 8 (CMOS levels)
AD7
80
O
memory address output bit 7 (CMOS levels)
AD6
81
O
memory address output bit 6 (CMOS levels)
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com