Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB9082 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAB9082
Description  NTSC Picture-In-Picture PIP controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9082 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAB9082 Datasheet HTML 1Page - NXP Semiconductors SAB9082 Datasheet HTML 2Page - NXP Semiconductors SAB9082 Datasheet HTML 3Page - NXP Semiconductors SAB9082 Datasheet HTML 4Page - NXP Semiconductors SAB9082 Datasheet HTML 5Page - NXP Semiconductors SAB9082 Datasheet HTML 6Page - NXP Semiconductors SAB9082 Datasheet HTML 7Page - NXP Semiconductors SAB9082 Datasheet HTML 8Page - NXP Semiconductors SAB9082 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1999 Nov 12
2
Philips Semiconductors
Preliminary specification
NTSC Picture-In-Picture (PIP) controller
SAB9082
FEATURES
• Double window Picture-in-Picture (PIP) in interlaced or
non-interlaced mode at 8-bit resolution
• Internal 1-Mbit DRAM
• Three 8-bit Analog-to-Digital Converters (ADCs) (7-bit
performance) with clamp circuit for each acquisition
channel
• One PLL which generates the line-locked clocks for the
subchannel
• One PLL which generates the line-locked clocks for the
main and display channels
• Three 8-bit Digital-to-Analog Converters (DACs)
• Linear zoom in both horizontal and vertical directions for
the subchannel
• Linear zoom in horizontal direction for the main channel
• Three multistandard PIP modes are available.
GENERAL DESCRIPTION
The SAB9082 is an NTSC PIP controller which can be
used in double window applications. The SAB9082 inserts
one or two live video signals with reduced size into another
live video signal. The incoming video signals are expected
to be analog baseband signals.
The conversion to the digital environment is done on chip
with ADCs. Processing and storage of the video data is
done entirely in the digital domain. The conversion back to
the analog domain is done by means of DACs.
Internal clocks are generated by PLLs which lock on to the
applied horizontal and vertical syncs.
The main input channel is compressed horizontally by a
factor of two and directly fed to the output. After
compression, a horizontal expansion of two is possible for
the main channel.
The subchannel is also compressed horizontally by a
factor of two but stored in memory before it is fed to the
outputs.
The SAB9082 can also create three multistandard PIP
modes, one with three PIPs placed in a column (MP3) and
two with two columns of three PIPs (MP6, MP6S).
The reduction factors of these PIPs are horizontal 1
⁄4 and
vertical 1
⁄3. In the first two modes, the column(s) can be
placed on the left or right side of the screen.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDD
digital supply voltage
3.0
3.3
3.6
V
VDDA
analog supply voltage
3.0
3.3
3.6
V
IDDD
digital supply current
−
50
−
mA
IDDA
analog supply current
140
165
210
mA
PLL
fclk(sys)
system clock frequency
1792
× fHSYNC
−
28
−
MHz
Bloop
loop bandwidth
−
4
−
kHz
tjitter
short-term stability
peak-to-peak jitter for 64
µs −−
4ns
ζ
damping factor
−
0.7
−
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAB9082H
QFP100
plastic quad flat package; 100 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT317-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com