| Electronic Components Datasheet Search |
|
SAB9083 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAB9083 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 24 page ![]() 1999 Nov 12 8 Philips Semiconductors Preliminary specification Multistandard Picture-In-Picture (PIP) controller SAB9083 Fig.4 Multistandard PIP modes. handbook, full pagewidth MGL587 MAIN MAIN S0 S2 S4 S1 S3 S5 MAIN S0 S2 S4 S1 S3 S5 S0 S2 S4 S1 S3 S5 MAIN S0 S2 S4 S1 S3 S5 S0 S2 S4 S1 S3 S5 S0 S1 S2 MAIN S0 S1 S2 S0 S1 S2 S0 S1 S2 S0 S2 S4 S1 S3 S5 I2C-bus description The I2C-bus provides bidirectional 2-line communication between different ICs. The SDA line is the serial data line and the SCL the serial clock line. Both lines must be connected to a positive supply via a pull-up resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy. The SAB9083 has the I2C-bus address 2CH. Valid subaddresses are 00H to 18H, register 15H (except bits 7 and 6) and registers 16H to 18H are reserved for future extensions. I2C-bus control is according to the I2C-bus protocol: first, a START sequence must be put on the I2C-bus Then, the I2C-bus address of the circuit must be sent, followed by a subaddress. After this sequence, the data of the subaddresses must be sent. An auto-increment function gives the option of sending data of the incremented subaddresses until a STOP sequence is sent. Table 1 gives an overview of the I2C-bus addresses. The data bits that are not used should be set to zero. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |