Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT2X100S20J Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # APT2X100S20J
Description  Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT2X100S20J Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  APT2X100S20J Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT2X100S20J Datasheet HTML 2Page - Inchange Semiconductor Company Limited APT2X100S20J Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Diode
APT2X100S20J
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
Type
MAX
UNIT
VF
Maximum Instantaneous Forward
Voltage
IF= 100A ; TJ= 25℃
-
2.95
V
IF= 200A ; TJ= 25℃
1.18
-
IF= 100A ; TJ= 150℃
-
0.8
IR
Maximum Instantaneous Reverse
Current
Rated DC Voltage, TJ= 25℃
-
2
mA
Rated DC Voltage, TJ= 125℃
-
50
PACKAGE OUTLINE (UNIT: MM)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com