Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24CSM01-E/SN Datasheet(PDF) 30 Page - Microchip Technology

Part # 24CSM01-E/SN
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-E/SN Datasheet(HTML) 30 Page - Microchip Technology

Back Button 24CSM01-E/SN Datasheet HTML 26Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 27Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 28Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 29Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 30Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 31Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 32Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 33Page - Microchip Technology 24CSM01-E/SN Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
24CSM01
DS20006781B
-page 30
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
10.1
Custom Programming Option
The 24CSM01 supports the preprogramming and
subsequent locking of customer-specific data in the
user-programmable portion of the Security register.
Contact your local sales representative for support for
custom programming options.
10.2
Read Operations in the Security
Register
Random read and sequential read operations of the
Security register require that the device type be set to
‘1011b’ (Bh). It is also necessary to match the
hardware client address bits (A2 and A1) to their
corresponding device address input pins. The next
word address bit, A16, needs to be clocked in, which
for the Security register is a “don't care” followed by a
logic ‘0’ to the Read/Write Select (R/W) bit. Following
the device address byte, the word address bytes must
be sent to the device. Bits A15 and A10 must be set to
logic ‘0’ and bit A11 must be set to logic ‘1’. Current
address reads of the Security register are not
supported.
The first 16 bytes of the Security register are, by
definition, read-only and contain a preprogrammed,
ensured unique, 128-bit serial number. The remaining
240 bytes on the first page of the Security register are
reserved for future use and are set to read-only.
The upper 256 bytes of the Security register are
user-programmable and can be locked from any future
programming operations (see Section 10.4 “Locking
the Security Register” for further details).
When the end of the Security register is reached
(512 bytes of data), the word address will roll over to
the beginning of the Security register, starting with the
Most Significant Byte (Byte 0) of the 128-bit serial
number.
The serial number read operation, or any read of the
Security register, is terminated when the host does not
respond with an ACK and issues a Stop condition.
FIGURE 10-1:
SECURITY REGISTER READ SEQUENCE
Note:
Accessing the Security register is only
possible if any sequence or command to
the EEPROM (if one has been sent) has
been properly terminated with a Stop
condition. Without proper termination of
the previous sequence, communications
with the Security register will not execute
successfully.
Note:
If the application is to read the first byte of
the serial number, the word address input
needs to be 0800h.
SCL
MSb
MSb
MSb
SDA
123
45
6
7
8
9
12
3
4
5
6
7
8
9
1
2
3
45
6
7
8
9
Word Address – Byte 1
Word Address – Byte 0
Device Address Byte
1
011
0
0
0
xx
x1
0
x A8 0 A7 A6 A5 A4 A3 A2
0
A1 A0
A2 A1 x
ACK
from
Client
ACK
from
Client
ACK
from
Client
Start by
Host
MSb
MSb
MSb
123
45
6
7
8
9
12
3
4
5
6
7
8
9
1
2
3
45
6
7
8
9
Security Register Data
Security Register Data
Device Address Byte
10
1
1
0
1
D7 D6 D5 D4 D3 D2 D1 D0 01
A2 A1 x
NACK
from
Host
ACK
from
Host
ACK
from
Client
Stop by
Host
Byte n
Byte 0
Start by
Host
D7 D6 D5 D4 D3 D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com