Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25WF080B Datasheet(PDF) 6 Page - Microchip Technology

Part # SST25WF080B
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST25WF080B_V01 Datasheet HTML 2Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 3Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 4Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 5Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 6Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 7Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 8Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 9Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
SST25WF080B
DS20005164H-page 6
 2013-2022 Microchip Technology Inc. and its subsidiaries
4.0.1
HOLD
In the hold mode, serial sequences underway with the
SPI Flash memory are paused without resetting the
clocking sequence. To activate the HOLD# mode, CE#
must be in active-low state. The HOLD# mode begins
when the SCK active-low state coincides with the fall-
ing edge of the HOLD# signal. The Hold mode ends
when the rising edge of the HOLD# signal coincides
with the SCK active-low state. HOLD# must not rise or
fall when SCK logic level is high. See Figure 4-2 for
Hold Condition waveform.
Once the device enters Hold mode, SO will be in high-
impedance state while SI and SCK can be VIL or VIH.
If CE# is driven active-high during a Hold condition, the
device returns to standby mode. The device can then
be re-initiated with the command sequences listed in
Table 5-1. As long as HOLD# signal is low, the memory
remains in the Hold condition. To resume communica-
tion with the device, HOLD# must be driven active-
high, and CE# must be driven active-low. See Figure 4-
2 for Hold timing.
FIGURE 4-2:
HOLD CONDITION WAVEFORM
4.1
Write Protection
SST25WF080B provides software Write protection. The
Write-Protect pin (WP#) enables or disables the lock-
down function of the STATUS register. The Block Pro-
tection bits (BP0, BP1, BP2, TB, and BPL) in the STA-
TUS register provide write protection to the memory
array and the STATUS register. See Table 4-3 for the
Block Protection description.
4.1.1
WRITE-PROTECT PIN (WP#)
The Write-Protect (WP#) pin enables the lock-down
function of the BPL bit (bit 7) in the STATUS register.
When WP# is driven low, the execution of the Write
STATUS Register (WRSR) instruction is determined by
the value of the BPL bit (see Table 4-1). When WP# is
high, the lock-down function of the BPL bit is disabled.
Active
Hold
Active
SCK
HOLD#
TABLE 4-1:
CONDITIONS TO EXECUTE WRITE-STATUS-REGISTER (WRSR) INSTRUCTION
WP#
BPL
Execute WRSR Instruction
L
1
Not Allowed
L
0
Allowed
H
X
Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com