| Electronic Components Datasheet Search |
|
AM263P4 Datasheet(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 Datasheet(HTML) 71 Page - Texas Instruments |
|
71 / 164 page ![]() Table 5-109. Reserved Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] RSVD_V2 RSVD Reserved (RSVD_V2). This pin must be left unconnected. V2 V2 V2 5.3.22 UART Table 5-110. UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART0_CTSn I UART Clear to Send (active low) A5, B7 A5, B7 A5, B7 UART0_RTSn O UART Request to Send (active low) C6, C7 C6, C7 C6, C7 UART0_RXD I UART Receive Data A7, B6 A7, B6 A7, B6 UART0_TXD O UART Transmit Data A4, A6 A4, A6 A4, A6 Table 5-111. UART1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART1_CTSn I UART Clear to Send (active low) G4 G4 G4 UART1_DCDn I UART Data Carrier Detect (Active Low) J4, N1 J4, N1 N1 UART1_DSRn I UART Data Set Ready (Active Low) V17 UART1_DTRn O UART Data Terminal Ready (Active Low) K1, K3 K1, K3 K1 UART1_RIn I UART Ring Indicator K4, N4 K4, N4 N4 UART1_RTSn O UART Request to Send (active low) B12, J2 B12, J2 B12, J2 UART1_RXD I UART Receive Data A9, L3 A9, L3 A9, L3 UART1_TXD O UART Transmit Data B9, M3 B9, M3 B9, M3 Table 5-112. UART2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART2_CTSn I UART Clear to Send (active low) H1 H1 UART2_RTSn O UART Request to Send (active low) A12, J3, R3 A12, J3, R3 A12, R3 UART2_RXD I UART Receive Data B5, B8 B5, B8 B5, B8 UART2_TXD O UART Transmit Data A3, A8 A3, A8 A3, A8 Table 5-113. UART3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART3_CTSn I UART Clear to Send (active low) K2, N2 K2, N2 N2 UART3_RTSn O UART Request to Send (active low) A2, J1 A2, J1 A2 UART3_RXD I UART Receive Data C11, D15 C11, D15 C11, D15 UART3_TXD O UART Transmit Data A11, C15 A11, C15 A11, C15 Table 5-114. UART4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART4_CTSn I UART Clear to Send (active low) A14 A14 A14 UART4_RTSn O UART Request to Send (active low) B14 B14 B14 UART4_RXD I UART Receive Data A10, D11, H2 A10, D11, H2 A10, D11, H2 UART4_TXD O UART Transmit Data C12, C9, G3 C12, C9, G3 C12, C9, G3 Table 5-115. UART5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] UART5_CTSn I UART Clear to Send (active low) D13 D13 D13 UART5_RTSn O UART Request to Send (active low) A16 A16 A16 UART5_RXD I UART Receive Data A15, C13, D9, R16 A15, C13, D9 A15, C13, D9 www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 71 Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |