Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26VF032BA-104I/MF Datasheet(PDF) 28 Page - Microchip Technology

Part # SST26VF032BA-104I/MF
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BA-104I/MF Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST26VF032BA-104I/MF Datasheet HTML 24Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 25Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 26Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 27Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 28Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 29Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 30Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 31Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 28
 2013-2022 Microchip Technology Inc. and its subsidiaries
5.20
Page Program
The Page Program instruction programs up to
256 bytes of data in the memory, and supports both SPI
and SQI protocols. The data for the selected page
address must be in the erased state (FFH) before initi-
ating the Page Program operation. A Page-Program
applied to a protected memory area will be ignored.
Prior to the program operation, execute the WREN
instruction.
To execute a Page Program operation, the host drives
CE# low then sends the Page Program command cycle
(02H), three address cycles followed by the data to be
programmed, then drives CE# high. The programmed
data must be between 1 to 256 bytes and in whole byte
increments; sending less than a full byte will cause the
partial byte to be ignored. Poll the BUSY bit in the STA-
TUS register, or wait TPP, for the completion of the
internal, self-timed, write operation. See Figure 5-25
and Figure 5-26 for the Page Program sequence.
When executing Page Program, the memory range for
the SST26VF032B/032BA is divided into 256 byte
page boundaries. The device handles shifting of more
than 256 bytes of data by maintaining the last
256 bytes of data as the correct data to be pro-
grammed. If the target address for the Page Program
instruction is not the beginning of the page boundary
(A[7:0] are not all zero), and the number of bytes of
data input exceeds or overlaps the end of the address
of the page boundary, the excess data inputs wrap
around and will be programmed at the start of that tar-
get page.
FIGURE 5-25:
PAGE PROGRAM SEQUENCE (SQI)
FIGURE 5-26:
PAGE PROGRAM SEQUENCE (SPI)
Note:
MSN = Most Significant Nibble, LSN = Least Significant Nibble C[1:0] = 02H
MODE 3
0
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
2
A5 A4
MSN LSN
4
A3 A2
6
A1 A0
8
H0 L0
10
H1 L1
12
H2 L2
HN LN
Data Byte 0 Data Byte 1 Data Byte 2
Data Byte 255
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
Data Byte 0
02
High-Impedance
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB
CE#(cont’)
SO(cont’)
SI(cont’)
SCK(cont’)
40 41 42 43 44 45 46
47 48
Data Byte 1
High-Impedance
MSB
MSB
MSB
LSB
50 51 52 53 54 55
49
Data Byte 2
Data Byte 255
LSB
LSB
LSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com