Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDX4ACT138 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDX4ACT138
Description  CDx4ACT138 3-Line to 8-Line Decoders/Demultiplexers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDX4ACT138 Datasheet(HTML) 3 Page - Texas Instruments

  CDX4ACT138 Datasheet HTML 1Page - Texas Instruments CDX4ACT138 Datasheet HTML 2Page - Texas Instruments CDX4ACT138 Datasheet HTML 3Page - Texas Instruments CDX4ACT138 Datasheet HTML 4Page - Texas Instruments CDX4ACT138 Datasheet HTML 5Page - Texas Instruments CDX4ACT138 Datasheet HTML 6Page - Texas Instruments CDX4ACT138 Datasheet HTML 7Page - Texas Instruments CDX4ACT138 Datasheet HTML 8Page - Texas Instruments CDX4ACT138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3 Pin Configuration and Functions
Figure 3-1. CD54ACT138 J Package; CD74ACT138
D, N, or PW Package; 16-Pin CDIP, SOIC, PDIP, or
TSSOP (Top View)
Figure 3-2. CD74ACT138 BQB Package, 16-Pin
WQFN (Top View)
Table 3-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
A
1
I
Input A
B
2
I
Input B
C
3
I
Input C
G2A
4
I
Strobe Input 2A, active low
G2B
5
I
Strobe Input 2B, active low
G1
6
I
Strobe Input
Y7
7
O
Output 7
GND
8
G
Ground
Y6
9
O
Output 6
Y5
10
O
Output 5
Y4
11
O
Output 4
Y3
12
O
Output 3
Y2
13
O
Output 2
Y1
14
O
Output 1
Y0
15
O
Output 0
VCC
16
P
Positive Supply
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
www.ti.com
CD54ACT138, CD74ACT138
SCHS329C – JANUARY 2003 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54ACT138 CD74ACT138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com