Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C198 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC68C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C198 Datasheet(HTML) 4 Page - NXP Semiconductors

  SC68C198 Datasheet HTML 1Page - NXP Semiconductors SC68C198 Datasheet HTML 2Page - NXP Semiconductors SC68C198 Datasheet HTML 3Page - NXP Semiconductors SC68C198 Datasheet HTML 4Page - NXP Semiconductors SC68C198 Datasheet HTML 5Page - NXP Semiconductors SC68C198 Datasheet HTML 6Page - NXP Semiconductors SC68C198 Datasheet HTML 7Page - NXP Semiconductors SC68C198 Datasheet HTML 8Page - NXP Semiconductors SC68C198 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
339
Pin Description
MNEMONIC
TYPE
DESCRIPTION
SClk
I
Host system clock. Used to time operations in the Host Interface and clock internal logic. Must be greater
than twice the frequency of highest X1, Counter/Timer, TxC (1x) or RxC (1x) input frequency.
CEN
I
Chip select: Active low. When asserted, allows I/O access to OCTART registers by host CPU. W_RN signal
indicates direction. (Must not be active in IACKN cycle)
A(7:0)
I
Address lines (A[6] is NOT used. See ”Host Interface” )
D(7:0)
I/O
8–bit bi–directional data bus. Carries command and status information between 26C198 and the host CPU.
Used to convey parallel data for serial I/O between the host CPU and the 26C198
W_RN
I
Write Read not control: When high indicates that the host CPU will write to a 26C198 register or transmit FIFO.
When low, indicates a read cycle. 0 = Read; 1 = Write
DACKN
O
Data Acknowledge: Active low. When asserted, it signals that the last transfer of the D lines is complete.
Open drain.
IRQN
O
Interrupt Request: Active low. When asserted, indicates that the 26C198 requires service for pending
interrupt(s). Open drain.
IACKN
I
Interrupt Acknowledge: Active low. When asserted, indicates that the host CPU has initiated an interrupt
acknowledge cycle. (Do not use CEN in an IACKN cycle)
TD(a–h)
O
Transmit Data: Serial outputs from the 8 UARTs.
RD(a–h)
I
Receive Data: Serial inputs to the 8 UARTs
I/O0(a–d)
I/O
Input/Output 0: Multi–use input or output pin for the UART.
I/O1(a–d)
I/O
Input/Output 1: Multi–use input or output pin for the UART.
I/O2(a–d)
I/O
Input/Output 2: Multi–use input or output pin for the UART.
I/O3(a–d)
I/O
Input/Output 3: Multi–use input or output pin for the UART.
GIN(1:0)
I
Global general purpose inputs, available to any/all channels.
GOUT0
O
Global general purpose outputs, available from any channel.
RESETN
I
Master reset: Active Low. Must be asserted at power up and may be asserted at other times to reset and
restart the system. See “Reset Conditions” at end of register map. Minimum width 10 SCLK.
X1/CCLK
I
Crystal 1 or Communication Clock: This pin may be connected to one side of a 2–8 MHz crystal. It may
alternatively be driven by an external clock in this frequency range. Standard frequency = 3.6864 MHz
X2
O
Crystal 2: If a crystal is used, this is the connection to the second terminal. If a clock signal drives X1, this pin
must be left unconnected.
Power Supplies
I
16 pins total 8 pins for Vss, 8 pins for Vcc
NOTE: Many output pins will have very fast edges, especially when lightly loaded (less than 20 pf.) These edges may move as fast as 1 to 3 ns
fall or rise time. The user must be aware of the possible generation of ringing and reflections on improperly terminated interconnections. See
previous note on Sclk noise under pin assignments.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating ambient temperature range
See Note 3
°C
TSTG
Storage temperature range
-65 to +150
°C
VCC
Voltage from VDD to GND
-0.5 to +7.0
V
VSS
Voltage from any pin to GND
-0.5 to VCC + 0.5
V
PD5
Power Dissipation at VCC = 5.0 Volts
1.2
W
PD3
Power Dissipation at VCC = 3.3 Volts
0.5
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
the functional operation of the device at these or any other conditions above those indicated in the Operation Section of this specification is
not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com