Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9101 Datasheet(PDF) 2 Page - Analog Devices

Part # DS9101
Description  Serial Number iButton
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 2 Page - Analog Devices

  DS9101 Datasheet HTML 1Page - Analog Devices DS9101 Datasheet HTML 2Page - Analog Devices DS9101 Datasheet HTML 3Page - Analog Devices DS9101 Datasheet HTML 4Page - Analog Devices DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IO Voltage Range to GND....................................-0.5V to +6.0V
IO Sink Current DS1990A ..................................................20mA
IO Sink Current DS1990AA..............................................±10mA
Junction Temperature......................................................+125°C
Storage Temperature Range............................ -55°C to +125°C
(Limits are 100% production tested at TA = +25°C and/or TA = +85°C. Limits over the operating temperature range and relevant supply
voltage range are guaranteed by design and characterization. Typical values at +25°C.)
Electrical Characteristics
Note 1: System requirement.
Note 2: Full RPUP range is guaranteed by design and simulation and not production tested. Production testing performed at a fixed
RPUP value. Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire
recovery times. The specified value here applies to systems with only one device and with the minimum 1-Wire recovery
times. For more heavily loaded systems, an active pullup such as that found in the DS2480B may be required.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: GENERAL DATA
1-Wire Pullup Voltage
VPUP
DS1990A (Note 1)
2.8
6.0
V
DS1990AA (Note 1)
3.0
5.25
V
1-Wire Pullup Resistance
RPUP
DS1990A (Notes 1 and 2)
0.6
5
kΩ
DS1990AA (Notes 1 and 2)
0.3
2.2
kΩ
Input Capacitance
CIO
DS1990A (Notes 3, 4, and 5)
100
800
pF
DS1990AA (Notes 4 and 5)
1000
pF
Input Load Current
IL
DS1990A (Note 6)
0.25
µA
DS1990AA IO pin at VPUP (Note 6)
0.05
1.75
6.7
µA
Input Low Voltage
VIL
(Notes 1 and 7)
0.3
V
Input High Voltage
VIH
DS1990A (Notes 4 and 8)
2.2
V
DS1990AA (Notes 4 and 8)
0.75 x
VPUP
Output Low Voltage
VOL
IOL = 4mA
0.4
V
Recovery Time
tREC
DS1990A (Note 1)
1
µs
DS1990AA (Note 1)
5
µs
Time Slot Duration
tSLOT
DS1990A (Note 1)
61
µs
DS1990AA (Note 1)
65
µs
IO PIN: 1-Wire RESET, PRESENCE-DETECT CYCLE
Reset Low Time
tRSTL
DS1990A (Notes 1 and 9)
480
µs
DS1990AA (Note 1)
480
640
µs
Reset High Time
tRSTH
(Notes 1 and 10)
480
µs
Presence-Detect High Time
tPDH
15
60
µs
Presence-Detect Low Time
tPDL
(Note 11)
60
240
µs
Presence-Detect Sample Time
tMSP
(Note 1)
60
75
µs
IO PIN: 1-Wire WRITE
Write-Zero Low Time
tW0L
(Notes 1 and 12)
60
120
µs
Write-One Low Time
tW1L
(Notes 1 and 12)
1
15
µs
IO PIN: 1-Wire READ
Read Low Time
tRL
(Notes 1 and 13)
1
15 - d
µs
Read Sample Time
tMSR
(Notes 1 and 13)
tRL + d
15
µs
www.analog.com
Analog Devices │ 2
DS1990A
Serial Number iButton
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com