Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82814PVCAR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPSM82814PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82814PVCAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPSM82814PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Pin voltage(2)
VIN, EN, MODE/SYNC
–0.3
6.5
V
SW
–0.3
VIN+0.3
V
SW (transient for less than 10 ns)(3)
-3
10
V
FB
–0.3
4
V
COMP/FSET, PG, SS/TR, VOUT
–0.3
VIN + 0.3
V
ISINK_PG
Sink Current at PG pin
10
mA
TJ
Operating junction temperature
–40
125
°C
Tstg
Storage temperature
–40
125
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to the network ground terminal
(3)
While switching
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all pins(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.7
6
V
VOUT
Output voltage range
0.6
5.5
V
IOUT
Output current
0
6
A
COUT
Effective output capacitance(1)
32 ×
V / VOUT
470
μF
CIN
Effective input capacitance(1)
5
10
μF
RCF
4.5
100
kΩ
ISINK_PG
Sink current at PG pin
0
2
mA
TJ
Junction temperature
–40
125
°C
(1)
The values given for all the capacitors in the table are effective capacitance, which includes the DC bias effect. Due to the DC
bias effect of ceramic capacitors, the effective capacitance is lower than the nominal value when a voltage is applied. Please check
the manufacturer´s DC bias curves for the effective capacitance vs DC voltage applied. Please see the feature description for COMP/
FSET about the output capacitance vs compensation setting and output voltage.
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com