Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIDO5210BBCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # FIDO5210BBCZ-R7
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button FIDO5210BBCZ-R7 Datasheet HTML 13Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 14Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 15Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 16Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 17Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 18Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 19Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 20Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
fido5100/fido5200
THEORY OF OPERATION
analog.com
Rev. G | 17 of 21
Table 17. Brief Descriptions for MII and RMII Pins (Continued)
Pin No.
Mnemonic
Brief Description
H11
P2_COL
Port 2 MII Collision.
H12
P2_LINK_STATUS
Port 2 Link Status from PHY.
J1
P1_TXEN
Port 1 MII Transmit Enable.
J2
P1_TXCLK
Port 1 MII Transmit Clock from PHY.
J11
P2_RXDV
Port 2 Received Data Valid.
J12
P2_RXCLK
Port 2 MII Receive Clock from PHY.
K1
P1_TXD0
Transmit Data Output Bit 0 for Port 1 MII, RMII.
K6
P1_RXDV
Port I MII Received Data Valid.
K7
P1_LINK_STATUS
Port 1 Link Status from PHY.
K8
P2_TXD1
Transmit Data Output Bit 1 for Port 2 MII, RMII.
K10
P2_RXD0
Receive Data Input Bit 0 for Port 2 MII, RMII.
L1
P1_TXD1
Transmit Data Output Bit 1 for Port 1 MII, RMII.
L2
P1_TXD2
Transmit Data Output Bit 2 for Port 1 MII.
L3
P1_RXD0
Receive Data Input Bit 0 for Port 1 MII, RMII.
L4
P1_RXD3
Receive Data Input Bit 3 for Port 1 MII.
L6
P1_CRS
Port 1 MII Carrier Sense.
L7
P1_ACTIVITY
Port 1 Activity LED Output Driver.
L8
P2_TXD0
Transmit Data Output Bit 0 for Port 2 MII, RMII.
L9
P2_TXD3
Transmit Data Output Bit 3 for Port 2 MII.
L11
P2_RXD2
Receive Data Input Bit 2 for Port 2 MII.
M1
P1_TXD3
Transmit Data Output Bit 3 for Port 1 MII.
M3
P1_RXD1
Receive Data Input Bit 1 for Port 1 MII, RMII.
M4
P1_RXD2
Receive Data Input Bit 2 for Port 1 MII.
M6
P1_RXCLK
Port 1 Receive Clock from PHY.
M7
P1_COL
Port 1 MII Collision.
M8
P2_TXEN
Port 2 MII Transmit Enable.
M9
P2_TXD2
Transmit Data Output Bit 2 for Port 2 MII.
M10
P2_TXCLK
Port 2 MII Transmit Clock from PHY.
M11
P2_RXD1
Receive Data Input Bit 1 for Port 2 MII, RMII.
M12
P2_RXD3
Receive Data Input Bit 3 for Port 2 MII.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com