Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2883 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM2883
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTM2894
7
Rev A
For more information www.analog.com
PIN FUNCTIONS
Upstream Side
D1– (A1): USB Data Bus Upstream Facing Negative
Transceiver Pin. A 1.5k pull-up resistor is automatically
configured to indicate the idle condition of the D1– pin.
D1+ (A2): USB Data Bus Upstream Facing Positive
Transceiver Pin. A 1.5k pull-up resistor is automatically
configured to indicate the idle condition of the D1+ pin.
ON (A3): Enable. Enables data communication through
the isolation barrier. If ON is high, the upstream side is
enabled. If ON is low, the upstream side is held in reset.
The ON pin is referenced between VLO and GND.
VLO (A4): Voltage Supply Output from the Upstream Side
3.3V LDO. The VLO pin is used as a positive reference for
the ON pin and can support up to 10mA of surplus current
to controlling devices. This pin contains internal ceramic
bypass capacitance of 4.4µF.
GND (A5, B1 - B6): Upstream Circuit Ground.
VBUS (A6): Voltage Supply Input for Upstream USB
Transceiver.Recommendedoperatingrangeis4.4Vto36V.
ConnecttotheUSBVBUSsupplyoranexternalsource.This
pincontainsinternalceramicbypasscapacitanceof0.3µF.
Downstream Side
GND2 (W1 - W6, X5): Downstream Circuit Ground.
D2– (X1): USB Data Bus Downstream Facing Negative
Transceiver Pin. The pin has a 15k pull-down resistor to
GND2.
D2+ (X2): USB Data Bus Downstream Facing Positive
Transceiver Pin. The pin has a 15k pull-down resistor to
GND2.
ON2 (X3): Enable. Enables data communication through
the isolation barrier. If ON2 is high, the downstream side
is enabled. If ON2 is low, the downstream side is held in
reset. The ON2 pin is referenced between VLO2 and GND2.
VLO2 (X4): Voltage Supply Output from the Downstream
Side 3.3V LDO. The VLO2 pin can support up to 10mA of
surplus current for low voltage devices. This pin contains
internal ceramic bypass capacitance of 4.4µF.
VBUS2 (X6): Voltage Supply Input for the Isolated Down-
stream USB Transceiver. Recommended operating range
is 4.4V to 36V referenced to GND2. This pin contains
internal ceramic bypass capacitance of 0.3µF.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com