Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR407 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR407
Description  50 AMP 50-150 VOLTS 50nsec ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR407 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR407 Datasheet HTML 1Page - Solid States Devices, Inc SDR407 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SDR407

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR4004HFNS SSDI-SDR4004HFNS Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4004HFNTX SSDI-SDR4004HFNTX Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4004HFNTXV SSDI-SDR4004HFNTXV Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4004HFPS SSDI-SDR4004HFPS Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4004HFPTX SSDI-SDR4004HFPTX Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
More results

Similar Description - SDR407

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5812 MCC-1N5812 Datasheet
124Kb / 2P
20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
logo
Solid States Devices, I...
15R6M SSDI-15R6M Datasheet
223Kb / 2P
50 AMP 150 VOLTS 50 nsec RECTIFIER
15R6CT-3 SSDI-15R6CT-3 Datasheet
209Kb / 2P
50 AMP 150 VOLTS 50 nsec CENTERTAP RECTIFIER
15R6N SSDI-15R6N Datasheet
219Kb / 2P
50 AMP 150 VOLTS 50 nsec RECTIFIER
SDR305 SSDI-SDR305 Datasheet
203Kb / 2P
30 AMP 50-150 VOLTS 50 nsec ULTRA FAST RECTIFIER
SDR504 SSDI-SDR504 Datasheet
200Kb / 2P
50 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR705 SSDI-SDR705 Datasheet
201Kb / 2P
70 AMP 50-200 VOLTS 50 nsec ULTRA FAST RECTIFIER
5R6S SSDI-5R6S Datasheet
202Kb / 2P
50 AMP 50-150 VOLTS 50nsec RECTIFIER
15R6 SSDI-15R6 Datasheet
213Kb / 2P
50 AMP 150VOLTS 50nsec RECTIFIER
logo
New Jersey Semi-Conduct...
1N5812 NJSEMI-1N5812 Datasheet
84Kb / 1P
20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com