Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0 Datasheet(PDF) 31 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 31 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 27Page - SPANSION S71PL129JC0 Datasheet HTML 28Page - SPANSION S71PL129JC0 Datasheet HTML 29Page - SPANSION S71PL129JC0 Datasheet HTML 30Page - SPANSION S71PL129JC0 Datasheet HTML 31Page - SPANSION S71PL129JC0 Datasheet HTML 32Page - SPANSION S71PL129JC0 Datasheet HTML 33Page - SPANSION S71PL129JC0 Datasheet HTML 34Page - SPANSION S71PL129JC0 Datasheet HTML 35Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 153 page
background image
October 28, 2005 S71PL129Jxx_00_A8
S71PL129JC0/S71PL129JB0/S71PL129JA0
29
Advance
Informatio n
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector
protection verification, through identifier codes output on DQ7–DQ0. This mode
is primarily intended for programming equipment to automatically match a device
to be programmed with its corresponding programming algorithm. However, the
autoselect codes can also be accessed in-system through the command register.
When using programming equipment, the autoselect mode requires VID on ad-
dress pin A9. Address pins must be as shown in Table 5. In addition, when
verifying sector protection, the sector address must appear on the appropriate
highest order address bits. Table 5 shows the remaining address bits that are
don’t care. When all necessary bits have been set as required, the programming
equipment may then read the corresponding identifier code on DQ7–DQ0. How-
ever, the autoselect codes can also be accessed in-system through the command
register, for instances when the device is erased or programmed in a system with-
out access to high voltage on the A9 pin. The command sequence is illustrated in
Table 12. Note: If a Bank Address (BA) (on address bits A21–A19) is asserted
during the third write cycle of the autoselect command, the host system can read
autoselect data that bank and then immediately read array data from the other
bank, without exiting the autoselect mode.
To access the autoselect codes in-system, the host system can issue the autose-
lect command via the command register, as shown in Table 12. This method does
not require VID. See “Autoselect Command Sequence” on page 46 for more
information.
SA2-124
1
0
1111100XXX
32
3E0000h–3E7FFFh
SA2-125
1
0
1111101XXX
32
3E8000h–3EFFFFh
SA2-126
1
0
1111110XXX
32
3F0000h–3F7FFFh
SA2-127
1
0
1111111000
4
3F8000h–3F8FFFh
SA2-128
1
0
1111111001
4
3F9000h–3F9FFFh
SA2-129
1
0
1111111010
4
3FA000h–3FAFFFh
SA2-130
1
0
1111111011
4
3FB000h–3FBFFFh
SA2-131
1
0
1111111100
4
3FC000h–3FCFFFh
SA2-132
1
0
1111111101
4
3FD000h–3FDFFFh
SA2-133
1
0
1111111110
4
3FE000h–3FEFFFh
SA2-134
1
0
1111111111
4
3FF000h–3FFFFFh
Table 4. Secured Silicon Sector Addresses
Sector Size
Address Range
Factory-Locked Area
64 words
000000h-00003Fh
Customer-Lockable Area
64 words
000040h-00007Fh
Table 3. S29PL129J Sector Architecture (Sheet 7 of 7)
Bank
Sector
CE1#
CE2#
Sector Address (A21-
A12)
Sector Size
(Kwords)
Address Range (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com